Electronic Components Datasheet Search
  English  ▼

X  

6037323 Datasheet (PDF) - SICK AG

6037323 Datasheet PDF - SICK AG
Part # 6037323
Download  6037323 Download
File Size   422.91 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description MULTITASK PHOTOELECTRIC SENSORS

6037323 Datasheet (PDF)

Go To PDF Page Download Datasheet
6037323 Datasheet PDF - SICK AG

Part # 6037323
Download  6037323 Click to download

File Size   422.91 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description MULTITASK PHOTOELECTRIC SENSORS

6037323 Datasheet (HTML) - SICK AG


6037323 Product details

Features
Functional principle Photoelectric proximity sensor
Functional principle detail Background suppression
Dimensions (W x H x D) 16 mm x 39.5 mm x 12 mm
Housing design (light emission) Rectangular
Sensing range max. 5 mm ... 120 mm
Sensing range 40 mm ... 120 mm
Type of light Visible red light
Light source PinPoint LED
Light spot size (distance) 5 mm x 22 mm (40 mm)
Wave length 650 nm
Adjustment Single teach-in button
Special feature Line-shaped light spot
Special applications Detecting perforated objects, Detecting uneven, shiny objects, Detecting objects wrapped in film
Special features Multi-background suppression




Similar Part No. - 6037323

ManufacturerPart #DatasheetDescription
logo
SICK AG
6037323 SICK-6037323 Datasheet
372Kb / 4P
Plug connector cable
6037323 SICK-6037323 Datasheet
852Kb / 9P
W4 MINIATURE PHOTOELECTRIC SENSORS
2024-03-28 20:00:12
6037323 SICK-6037323 Datasheet
853Kb / 9P
MINIATURE PHOTOELECTRIC SENSORS
2024-03-28 20:00:12
More results


Similar Description - 6037323

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com