Electronic Components Datasheet Search
  English  ▼

X  

AP6N12MI Datasheet (PDF) - A POWER MICROELECTRONICS

AP6N12MI Datasheet PDF - A POWER MICROELECTRONICS
Part # AP6N12MI
Download  AP6N12MI Download
File Size   1341.58 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 120V N-Channel Enhancement Mode MOSFET

AP6N12MI Datasheet (PDF)

Go To PDF Page Download Datasheet
AP6N12MI Datasheet PDF - A POWER MICROELECTRONICS

Part # AP6N12MI
Download  AP6N12MI Click to download

File Size   1341.58 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 120V N-Channel Enhancement Mode MOSFET

AP6N12MI Datasheet (HTML) - A POWER MICROELECTRONICS


AP6N12MI Product details

Features
- VDS = 120V ID =6A
- RDS(ON) < 180mΩ@ VGS=10V (Type:110mΩ)

Applications
- Automative lighting
- Load switch
- Uninterruptible power supply




Similar Part No. - AP6N12MI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6N100H A-POWER-AP6N100H Datasheet
73Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6N100J A-POWER-AP6N100J Datasheet
74Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6N100JV A-POWER-AP6N100JV Datasheet
72Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
A POWER MICROELECTRONIC...
AP6N10MI APME-AP6N10MI Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP6N1R7CDT A-POWER-AP6N1R7CDT Datasheet
74Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - AP6N12MI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
120V N-Channel MOSFET
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
120V N-Channel MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
120V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com