Electronic Components Datasheet Search
  English  ▼

X  

PEP0402 Datasheet (PDF) - Vishay Siliconix

PEP0402 Datasheet PDF - Vishay Siliconix
Part # PEP0402
Download  PEP0402 Download
File Size   111.35 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Wraparound - Power Enhanced Thin Film Chip Resistors

PEP0402 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEP0402 Datasheet PDF - Vishay Siliconix

Part # PEP0402
Download  PEP0402 Click to download

File Size   111.35 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Wraparound - Power Enhanced Thin Film Chip Resistors

PEP0402 Datasheet (HTML) - Vishay Siliconix


PEP0402 Product details

FEATURES
• Load life stability: 0.1 % typical (0.35 % max.)
at 2000 h / Pn / 70° C
• Very low noise < -35 dB and voltage coefficient
< 0.01 ppm/V
• Wide resistance range:
39 Ω to 900 kΩ depending on size
• Tolerances down to ± 0.05 %
• Termination: thin film technology
• Pn: up to 1 W for 1206 size, without cooling under PCB
required
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PEP0402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PEP01-5841 STMICROELECTRONICS-PEP01-5841 Datasheet
262Kb / 10P
Power over ethernet power supply protection
14-May-2009
More results


Similar Description - PEP0402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
19-Nov-13
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
High Precision Thin Film Chip Resistors
SFXXQ_A WALSIN-SFXXQ_A Datasheet
1Mb / 10P
High Precision Power Thin Film chip resistors
SFXXT_A WALSIN-SFXXT_A Datasheet
1Mb / 10P
High Precision Thin Film chip resistors
WFXXB WALSIN-WFXXB Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXQ WALSIN-WFXXQ Datasheet
1Mb / 10P
High Precision Power Thin Film Chip Resistors
WFXXQ_Q WALSIN-WFXXQ_Q Datasheet
1Mb / 10P
High Precision Power Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
logo
Vishay Siliconix
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com