Electronic Components Datasheet Search
  English  ▼

X  

PTSAHT1206 Datasheet (PDF) - Eaton All Rights Reserved.

PTSAHT1206 Datasheet PDF - Eaton All Rights Reserved.
Part # PTSAHT1206
Download  PTSAHT1206 Download
File Size   411.73 Kbytes
Page   4 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Automotive high temperature SMD PTC fuses

PTSAHT1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTSAHT1206 Datasheet PDF - Eaton All Rights Reserved.

Part # PTSAHT1206
Download  PTSAHT1206 Click to download

File Size   411.73 Kbytes
Page   4 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Automotive high temperature SMD PTC fuses

PTSAHT1206 Datasheet (HTML) - Eaton All Rights Reserved.


PTSAHT1206 Product details

Product features
• AEC-Q200 qualified
• Positive temperature coefficient (PTC)
• Surface mount resettable fuse
• Compact 1206 (3216 metric) footprint
• High temperature
• Voltage rating 16 V to 30 V
• Current rating from 0.16 A to 0.50 A
• Fast time-to-trip
Applications
• Infotainment
• In-vehicle navigation
• Telematics
• Car lighting
• Power window and seat control
• Instrument clusters
• PCB trace protection




Similar Part No. - PTSAHT1206

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTSAHT0805 EATON-PTSAHT0805 Datasheet
341Kb / 4P
Automotive high temperature SMD PTC fuses
Effective June 2021
PTSAHT080516V010 EATON-PTSAHT080516V010 Datasheet
341Kb / 4P
Automotive high temperature SMD PTC fuses
Effective June 2021
More results


Similar Description - PTSAHT1206

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-RHT050 BOURNS-MF-RHT050_17 Datasheet
841Kb / 7P
High Temperature PTC Resettable Fuses
SF-0603HIA-M BOURNS-SF-0603HIA-M Datasheet
608Kb / 5P
Automotive Grade High-Inrush SMD Fuses
SF-1206HIA-M BOURNS-SF-1206HIA-M Datasheet
654Kb / 5P
Automotive Grade High-Inrush SMD Fuses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com