Electronic Components Datasheet Search
  English  ▼

X  

CCE4511 Datasheet (PDF) - Renesas Technology Corp

CCE4511 Datasheet PDF - Renesas Technology Corp
Part # CCE4511
Download  CCE4511 Download
File Size   1643.12 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Channel IO-Link Master PHY with integrated Frame Handler

CCE4511 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCE4511 Datasheet PDF - Renesas Technology Corp

Part # CCE4511
Download  CCE4511 Click to download

File Size   1643.12 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Channel IO-Link Master PHY with integrated Frame Handler

CCE4511 Datasheet (HTML) - Renesas Technology Corp


CCE4511 Product details

▪ Ready pulse detection
▪ Four IO-Link compliant master channels
▪ Wide voltage range 8 V to 36 V
▪ SPI interface
▪ Standard IO Mode (SIO)
▪ Integrated UART (COM1-3)
▪ Hardware Frame Handler (support for all IO-Link
v1.1.3 frame types)
▪ Fully IO-Link v1.1.3 compliant
▪ Automated wake-up pulse generation
▪ Eight status LED drivers
▪ Synchronization of transfers to external signals
▪ Integrated gate drivers for external NMOS to
switch power supply of each device
▪ Gate driver soft start to limit device inrush current
▪ Integrated crystal oscillator
▪ Supports feed through of clock
▪ -40 °C to 125°C operating temperature
▪ Over-Temperature protection
▪ Supply voltage monitoring
▪ Overload protection for channels and connected devices
▪ Undervoltage detection and shutdown for each channel
▪ Integrated glitch filters
▪ Ideal fit for 4/8/12/16-port IO-Link master applications




Similar Part No. - CCE4511

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
CCE4510 DIALOG-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
logo
Renesas Technology Corp
CCE4510 RENESAS-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
Dec 15, 2022
CCE4510 RENESAS-CCE4510 Datasheet
971Kb / 38P
IO-Link Master PHY with integrated Frame Handler
Apr 8, 2024
logo
Dialog Semiconductor
CCE451048QFN DIALOG-CCE451048QFN Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
logo
Renesas Technology Corp
CCE451048QFN RENESAS-CCE451048QFN Datasheet
971Kb / 38P
IO-Link Master PHY with integrated Frame Handler
Apr 8, 2024
More results


Similar Description - CCE4511

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
IO-Link master
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
IO-Link Device IC with integrated Frame Handler
CCE4510 DIALOG-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
logo
Renesas Technology Corp
CCE4502 RENESAS-CCE4502 Datasheet
1Mb / 47P
CCE4502 IO-Link Device IC with Integrated Frame Handler
Mar 8, 2023
CCE4510 RENESAS-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
Dec 15, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com