Electronic Components Datasheet Search
  English  ▼

X  

AQZ202 Datasheet (PDF) - Panasonic Semiconductor

AQZ202 Datasheet PDF - Panasonic Semiconductor
Part # AQZ202
Download  AQZ202 Download
File Size   690.18 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4-pin high capacity of 1.1A, I/O isolation voltage of 5,000V

AQZ202 Datasheet (PDF)

Go To PDF Page Download Datasheet
AQZ202 Datasheet PDF - Panasonic Semiconductor

Part # AQZ202
Download  AQZ202 Click to download

File Size   690.18 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4-pin high capacity of 1.1A, I/O isolation voltage of 5,000V

AQZ202 Datasheet (HTML) - Panasonic Semiconductor


AQZ202 Product details

FEATURES
Greatly increased capacity Continuous load current: 1.1A
High insulation I/O isolation voltage: 5,000 Vrms
Compact 4-pin DIP type
The improved performance relative to mercury or mechanical relays

TYPICAL APPLICATIONS
Measuring instruments
Security and disaster-preventing system: use in I/O for alarm and security devices, etc.




Similar Part No. - AQZ202

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQZ202 PANASONIC-AQZ202 Datasheet
603Kb / 15P
PhotoMOS HE 1 Form A High Capacity
logo
Nais(Matsushita Electri...
AQZ202D NAIS-AQZ202D Datasheet
88Kb / 5P
POWER PhotoMOS RELAYS (Voltage Sensitive Type)
logo
Panasonic Semiconductor
AQZ202D PANASONIC-AQZ202D Datasheet
603Kb / 15P
PhotoMOS HE 1 Form A High Capacity
AQZ202G PANASONIC-AQZ202G Datasheet
603Kb / 15P
PhotoMOS HE 1 Form A High Capacity
logo
Nais(Matsushita Electri...
AQZ202V NAIS-AQZ202V Datasheet
80Kb / 4P
POWER PhotoMOS RELAYS with Internal Varistor
More results


Similar Description - AQZ202

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2761-1 CEL-PS2761-1 Datasheet
346Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
ADL Embedded Solutions
104-DIO-48S ADL-104-DIO-48S Datasheet
430Kb / 2P
48 lines of digital I/O with change of state detection
logo
Everlight Electronics C...
CNY64 EVERLIGHT-CNY64 Datasheet
686Kb / 9P
4 PIN DIP VERY HIGH ISOLATION VOLTAGE
logo
California Eastern Labs
PS2861-1 CEL-PS2861-1 Datasheet
352Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PS2621 CEL-PS2621 Datasheet
123Kb / 4P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Wall Industries,Inc.
PSLS05 WALL-PSLS05_18 Datasheet
807Kb / 6P
Isolation of 3000VAC
logo
Contec Co., Ltd
DIO-1616RYX-USB CONTEC-DIO-1616RYX-USB Datasheet
426Kb / 4P
Digital I/O Unit with High Voltage Isolation for USB
logo
Renesas Technology Corp
PS2761-1 RENESAS-PS2761-1 Datasheet
261Kb / 12P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
PS2861-1 RENESAS-PS2861-1 Datasheet
239Kb / 12P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com