Electronic Components Datasheet Search
  English  ▼

X  

74AVC1T45 Datasheet (PDF) - Diodes Incorporated

74AVC1T45 Datasheet PDF - Diodes Incorporated
Part # 74AVC1T45_V01
Download  74AVC1T45 Download
File Size   467.63 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS

74AVC1T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC1T45 Datasheet PDF - Diodes Incorporated

Part # 74AVC1T45_V01
Download  74AVC1T45 Click to download

File Size   467.63 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS

74AVC1T45 Datasheet (HTML) - Diodes Incorporated


74AVC1T45 Product details

Description
The 74AVC1T45 is a single bit, dual supply transceiver with tri-state outputs suitable for transmitting a single logic bit across different voltage domains. The A input/output pin is designed to track VCCA while the B input/output tracks VCCB. This arrangement allows for universal low-voltage translation between any voltages from 1.2V to 3.6V. The Direction pin (DIR) controls the direction of the transceiver and in a logic voltage related to VCCA. When a high logic level is applied to DIR the A pin becomes an input and the B pin becomes the output. Conversely the roles of A and B are reversed when DIR is asserted low.
The tri-state feature occurs when either of the power supply voltages are zero. This is also an Ioff feature and allows for the output to remain in a high-impedance state with both power supplies at 0V preventing damaging backflow currents and providing power down electrical isolation up to 3.6 V as not to interfere with any logic activity on pin A or B.

Features
• Wide Supply Voltage Range:
 VCC(A): from 1.2V to 3.6V
 VCC(B): from 1.2V to 3.6V
• ± 12mA Output Drive at 3.3V
• High Noise Immunity—(100mV Hysteresis Typical)
• IOFF Supports Partial-Power-Down Mode Operation
• IOFF Controlled by Either VCC at 0V
• Inputs Accept up to 4.6V
• ESD Protection Exceeds JESD 22
 200-V Machine Model (A115)
 2000-V Human Body Model (A114)
 1000 V Charged Device Model ( C101)
• Latch-Up Exceeds 100mA per JESD 78, Class I
• X2-DFN1409-6 Package Designed as a Direct Replacement for Chip-Scale Packaging.
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Voltage Level Translation Well Suited to Join Logic Types Operating at Different Voltages
• Power Down Signal Isolation If Either Voltage Domain is Turned off the Signal is Isolated and There is no Loading on Signal Lines
• Wide Array of Products, such as:
 Cell Phones, Tablets, E-Readers
 PCs, Notebooks, Netbooks, Ultrabooks
 Networking, Routers, Gateways
 Computer Peripherals, Hard Drives, CD/DVD ROMs
 TVs, DVDs, DVRs, Set Top Boxes
 Personal Navigation/GPS
 MP3 players, Cameras, Video Recorders




Similar Part No. - 74AVC1T45_V01

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC1T45-Q100 NEXPERIA-74AVC1T45-Q100 Datasheet
290Kb / 20P
Dual-supply voltage level translator/transceiver 3-state
logo
NXP Semiconductors
74AVC1T45GM NXP-74AVC1T45GM Datasheet
119Kb / 21P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74AVC1T45GM NEXPERIA-74AVC1T45GM Datasheet
324Kb / 22P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
74AVC1T45GM-Q100 NEXPERIA-74AVC1T45GM-Q100 Datasheet
290Kb / 20P
Dual-supply voltage level translator/transceiver 3-state
74AVC1T45GN NEXPERIA-74AVC1T45GN Datasheet
324Kb / 22P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
More results


Similar Description - 74AVC1T45_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Diodes Incorporated
74LVC1T45 DIODES-74LVC1T45 Datasheet
376Kb / 14P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
Rev ersed
logo
Fairchild Semiconductor
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
NLA16T245 ONSEMI-NLA16T245 Datasheet
186Kb / 11P
Configurable Dual-Supply Translating Transceiver with 3-State Outputs
September, 2013 ??Rev. 0
logo
Diodes Incorporated
74LVC2T45 DIODES-74LVC2T45 Datasheet
842Kb / 15P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021
74AVCH1T45 DIODES-74AVCH1T45 Datasheet
565Kb / 17P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
74LVCH2T45 DIODES-74LVCH2T45 Datasheet
842Kb / 16P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com