Electronic Components Datasheet Search
  English  ▼

X  

85369010 Datasheet (PDF) - TUK Ltd

85369010 Datasheet PDF - TUK Ltd
Part # 85369010
Download  85369010 Download
File Size   1817.69 Kbytes
Page   3 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description IP Rated Category 6A Panel Mountable Socket

85369010 Datasheet (PDF)

Go To PDF Page Download Datasheet
85369010 Datasheet PDF - TUK Ltd

Part # 85369010
Download  85369010 Click to download

File Size   1817.69 Kbytes
Page   3 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description IP Rated Category 6A Panel Mountable Socket

85369010 Datasheet (HTML) - TUK Ltd


85369010 Product details

Features:
• Compatible with Category 5e, Category 6 and Category 6A connections
• Fully compliant with Category 6A standards
• Designed to withstand a minimum 250 inserts
• IP68 rated on the socket side (i.e. dust tight and can be immersed for up to 30 minutes in water up to 1m depth).
• Screw in plug adaptor allows for the use of conventional patch leads and also reduces the risk of accidental disconnections.
• No unnecessary twisting of the connection, when used with a suitable cut-out.




Similar Part No. - 85369010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
85369010 PHOENIX-85369010 Datasheet
105Kb / 2P
D-PIK 4
Oct 25, 2006
logo
WAGO Kontakttechnik Gmb...
85369010000 WAGO-85369010000 Datasheet
1Mb / 2P
Splicing Connector Set; L-BOXX MICRO; 221 Series
29.09.2024
85369010000 WAGO-85369010000 Datasheet
349Kb / 9P
THR PCB terminal block; push-button; 1.5 mm²; Pin spacing 3.5 mm; 7-pole; Push-in CAGE CLAMP®; 1,50 mm²; black
13.09.2021
More results


Similar Description - 85369010

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C6AFTPSRW HUBBELL-PREMISE_C6AFTPSRW Datasheet
231Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
PREMISE_C6AFTPSRGY HUBBELL-PREMISE_C6AFTPSRGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
PREMISE_C6AFTPSPGY HUBBELL-PREMISE_C6AFTPSPGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
HJ6AB HUBBELL-HJ6AB Datasheet
300Kb / 1P
Ascent Category 6A Jack
HJ6AEI25 HUBBELL-HJ6AEI25 Datasheet
295Kb / 1P
Ascent Category 6A Jack
HJ6AGL25 HUBBELL-HJ6AGL25 Datasheet
288Kb / 1P
Ascent Category 6A Jack
HJ6AGN HUBBELL-HJ6AGN Datasheet
294Kb / 1P
Ascent Category 6A Jack
HJ6AGN25 HUBBELL-HJ6AGN25 Datasheet
294Kb / 1P
Ascent Category 6A Jack
HJ6AOR HUBBELL-HJ6AOR Datasheet
285Kb / 1P
Ascent Category 6A Jack
HJ6AY HUBBELL-HJ6AY Datasheet
294Kb / 1P
Ascent Category 6A Jack
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com