Electronic Components Datasheet Search
  English  ▼

X  

FAN7601 Datasheet (PDF) - ON Semiconductor

FAN7601 Datasheet PDF - ON Semiconductor
Part # FAN7601
Download  FAN7601 Download
File Size   688.95 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Green Current Mode PWM Controller

FAN7601 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN7601 Datasheet PDF - ON Semiconductor

Part # FAN7601
Download  FAN7601 Click to download

File Size   688.95 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Green Current Mode PWM Controller

FAN7601 Datasheet (HTML) - ON Semiconductor


FAN7601 Product details

Features
• Green Current Mode PWM Control
• Low Operating Current: Max 4mA
• Burst Mode Operation
• Internal High Voltage Start-up Switch
• Under Voltage Lockout (UVLO): 12V/8V
• Latch Protection & Soft Start Function
• Over Voltage Protection: 19V
• Operating Frequency up to 300kHz
• Max Duty Cycle: 95%

Typical Applications
• Off-Line Adapter Applications
• Auxiliary Power Supplies

Description
The FAN7601 is a green programmable frequency current mode PWM controller. It is specially designed for the off-line adapter application and the auxiliary power supplies which require high efficiency at a light load and no load. The internal high voltage start-up switch and the burst mode reduce the power loss. The FAN7601 includes some protections such as latch protection and over voltage protection. The latch protection can be used for over voltage protection and/or thermal protection and so on. And the soft start prevents the output voltage over shoot at start up.




Similar Part No. - FAN7601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601 Datasheet
586Kb / 12P
Green Current Mode PWM Controller
Rev. 1.0.2
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
669Kb / 10P
Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7601B ONSEMI-FAN7601B Datasheet
499Kb / 9P
Green Current Mode PWM Controller
Rev. 1.0.4
More results


Similar Description - FAN7601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601_05 Datasheet
585Kb / 12P
Green Current Mode PWM Controller
FAN7602_0611 FAIRCHILD-FAN7602_0611 Datasheet
1Mb / 18P
Green Current Mode PWM Controller
FAN7602B FAIRCHILD-FAN7602B Datasheet
1Mb / 17P
Green Current-Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
Green Current Mode PWM Controller
FAN7602C FAIRCHILD-FAN7602C Datasheet
509Kb / 19P
Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B_11 Datasheet
669Kb / 10P
Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B_12 Datasheet
677Kb / 10P
Green Current Mode PWM Controller
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
Green Current Mode PWM Controller
Rev. 1.0.1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com