Electronic Components Datasheet Search
  English  ▼

X  

PMV6 Datasheet (PDF) - E-SWITCH

PMV6 Datasheet PDF - E-SWITCH
Part # PMV6
Download  PMV6 Download
File Size   820.58 Kbytes
Page   4 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description PMV6 Series Anti-vandal Switch

PMV6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV6 Datasheet PDF - E-SWITCH

Part # PMV6
Download  PMV6 Click to download

File Size   820.58 Kbytes
Page   4 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description PMV6 Series Anti-vandal Switch

PMV6 Datasheet (HTML) - E-SWITCH


PMV6 Product details

Features & Benefits
• 16mm panel cutout
• UL3385 20AWG pre-stripped and tinned wire leads
• Multiple Cap Colors
• 10,000 Cycle Electrical Life
• Crisp tactile response
• IP67 rated




Similar Part No. - PMV6

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PMV6-3R-L PANDUIT-PMV6-3R-L Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
PMV6-4R-L PANDUIT-PMV6-4R-L Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
PMV6-5R-L PANDUIT-PMV6-5R-L Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
PMV6-6R-L PANDUIT-PMV6-6R-L Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
PMV6-8R-L PANDUIT-PMV6-8R-L Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
More results


Similar Description - PMV6

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com