Electronic Components Datasheet Search
  English  ▼

X  

AT25PE40 Datasheet (PDF) - Renesas Technology Corp

AT25PE40 Datasheet PDF - Renesas Technology Corp
Part # AT25PE40_V01
Download  AT25PE40 Download
File Size   2667.15 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit DataFlash-L Page Erase Serial Flash Memory

AT25PE40 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25PE40 Datasheet PDF - Renesas Technology Corp

Part # AT25PE40_V01
Download  AT25PE40 Click to download

File Size   2667.15 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit DataFlash-L Page Erase Serial Flash Memory

AT25PE40 Datasheet (HTML) - Renesas Technology Corp


AT25PE40 Product details

 Single 1.65V - 3.6V supply
 Serial Peripheral Interface (SPI) compatible
 Supports SPI modes 0 and 3
 Supports RapidS™ operation
 Continuous read capability through entire array
 Up to 85MHz
 Low-power read option up to 15 MHz
 Clock-to-output time (tV
) of 6ns maximum
 User configurable page size
 256 bytes per page (default)
 264 bytes per page (customer selectable option)
 Two fully independent SRAM data buffers (256/264 bytes)
 Allows receiving data while reprogramming the main memory array
 Flexible programming options
 Byte/Page Program (1 to 256/264 bytes) directly into main memory
 Buffer Write
 Buffer to Main Memory Page Program
 Single Command Page Read-Modify-Write Option
 Flexible erase options
 Page Erase (256/264 bytes)
 Block Erase (2KB)
 Sector Erase (64KB)
 Chip Erase (4-Mbits)




Similar Part No. - AT25PE40_V01

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25PE40-MHN-T DIALOG-AT25PE40-MHN-T Datasheet
1Mb / 63P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE40-MHN-Y DIALOG-AT25PE40-MHN-Y Datasheet
1Mb / 63P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE40-SHN-B DIALOG-AT25PE40-SHN-B Datasheet
1Mb / 63P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE40-SHN-T DIALOG-AT25PE40-SHN-T Datasheet
1Mb / 63P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE40-SSHN-B DIALOG-AT25PE40-SSHN-B Datasheet
1Mb / 63P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
More results


Similar Description - AT25PE40_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E_14 Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25PE16 DIALOG-AT25PE16 Datasheet
922Kb / 63P
16-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE20 DIALOG-AT25PE20 Datasheet
1Mb / 64P
2-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE40 DIALOG-AT25PE40 Datasheet
1Mb / 63P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE80 DIALOG-AT25PE80 Datasheet
1Mb / 63P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
logo
Renesas Technology Corp
AT25PE16 RENESAS-AT25PE16 Datasheet
2Mb / 62P
16-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
AT25PE20 RENESAS-AT25PE20 Datasheet
2Mb / 63P
2-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
AT25PE40 RENESAS-AT25PE40 Datasheet
2Mb / 62P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
AT25PE80 RENESAS-AT25PE80 Datasheet
1Mb / 61P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com