Electronic Components Datasheet Search
  English  ▼

X  

TPS796 Datasheet (PDF) - Texas Instruments

TPS796 Datasheet PDF - Texas Instruments
Part # TPS796_V01
Download  TPS796 Download
File Size   3897.85 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS796 Ultra-Low-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulator

TPS796 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS796 Datasheet PDF - Texas Instruments

Part # TPS796_V01
Download  TPS796 Click to download

File Size   3897.85 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS796 Ultra-Low-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulator

TPS796 Datasheet (HTML) - Texas Instruments


TPS796 Product details

1 Features
• 1A low-dropout regulator with enable
• Available in fixed and adjustable (1.2V to 5.5V)
• Low output noise:
– 54μVRMS (legacy chip)
– 78μVRMS (new chip)
• Stable with a 1μF ceramic capacitor
• Excellent load and line transient response
• Very low dropout voltage: 220mV (typ) at 1A
• Packages:
– 3mm × 3mm VSON (DRB)
– SOT223-6 (DCQ)
– TO-263 ( KTT)

2 Applications
• TV applications
• Building automation
• Connected peripherals and printers
• Home theater and entertainment applications

3 Description
The TPS796 low-dropout (LDO) low-power linear
voltage regulator features high power-supply rejection
ratio (PSRR), low-noise, fast start-up, and excellent
line and load transient responses in small outline,
3mm × 3mm VSON, SOT223-6, and TO-263
packages. Tis device is stable with a small, 1μF
ceramic capacitor on the output. The TPS796 offers
low dropout voltages (for example, 220mV at 1A).
Applications with analog components that are noise
sensitive (such as portable RF electronics) benefit
from the high-PSRR, low-noise features, and need
fast response time.




Similar Part No. - TPS796_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796-Q1 TI2-TPS796-Q1 Datasheet
3Mb / 33P
TPS796-Q1 Automotive, Ultra-Low-Noise, High-PSRR, Fast, RF, 1A Low-Dropout Linear Regulator
REVISED JUNE 2025
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI1-TPS79601 Datasheet
1Mb / 12P
Power Management Solutions for Xilinx and Altera FPGAs
TPS79601DCQ TI-TPS79601DCQ Datasheet
560Kb / 18P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79601DCQ TI-TPS79601DCQ Datasheet
997Kb / 33P
ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS796_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com