Electronic Components Datasheet Search
  English  ▼

X  

PDN02N15 Datasheet (PDF) - Potens Semiconductor Corp.

PDN02N15 Datasheet PDF - Potens Semiconductor Corp.
Part # PDN02N15
Download  PDN02N15 Download
File Size   720.55 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 150V N-Channel MOSFETs

PDN02N15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDN02N15 Datasheet PDF - Potens Semiconductor Corp.

Part # PDN02N15
Download  PDN02N15 Click to download

File Size   720.55 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 150V N-Channel MOSFETs

PDN02N15 Datasheet (HTML) - Potens Semiconductor Corp.


PDN02N15 Product details

Features
- 150V,1.2A, RDS(ON) =480mΩ@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed

Applications
- Networking
- Load Switch
- LED applications




Similar Part No. - PDN02N15

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDN02P15 POTENS-PDN02P15 Datasheet
1Mb / 5P
150V P-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDN02N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
N-Channel Power MOSFETs, 9A, 150V/200V
2N6765 FAIRCHILD-2N6765 Datasheet
142Kb / 5P
N-Channel Power MOSFETs, 30A, 150V/200V
logo
Intersil Corporation
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
logo
First Silicon Co., Ltd
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
-150V P-Channel MOSFETs
FTK04N15 FS-FTK04N15 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15DFN56 FS-FTK30N15DFN56 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15P FS-FTK30N15P Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
150V N-Channel MOSFETs
logo
Shindengen Electric Mfg...
P32FG15SL SHINDENGEN-P32FG15SL Datasheet
1Mb / 7P
Power MOSFETs 150V, 32A, N-channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com