Electronic Components Datasheet Search
  English  ▼

X  

TLV9020 Datasheet (PDF) - Texas Instruments

TLV9020 Datasheet PDF - Texas Instruments
Part # TLV9020
Download  TLV9020 Download
File Size   5910.43 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV902x and TLV903x Precision Comparator Family

TLV9020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9020 Datasheet PDF - Texas Instruments

Part # TLV9020
Download  TLV9020 Click to download

File Size   5910.43 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV902x and TLV903x Precision Comparator Family

TLV9020 Datasheet (HTML) - Texas Instruments


TLV9020 Product details

1 Features
• Supply range: 1.65V to 5.5V
• Precision input offset voltage: 300μV
• Rail-to-Rail input with fault-tolerance
• Typical propagation delay: 100ns
• Low quiescent current per channel: 16μA
• Low input bias current: 5pA
• Open-drain output option (TLV902x)
• Push-pull output option (TLV903x)
• Full temperature range: -40°C to +125°C
• ESD protection: 2kV
• Alternate Single Pinout (TLV90x0)

2 Applications
• Appliances
• Building automation
• Factory automation and control
• Motor drives
• Infotainment and cluster

3 Description
The TLV902x and TLV903x are a family of single,
dual and quad channel comparators. The family offers
low input offset voltage, fault-tolerant inputs and a
excellent speed-to-power combination. The family has
a propagation delay of 100ns with a quiescent supply
current of only 18μA per channel.
These comparators feature fault-tolerant inputs that
can go up to 6V without damage and with no
output phase inversion. This family of comparators
is designed for precision voltage monitoring in harsh,
noisy environments.
The TLV902x have an open-drain output that can be
pulled-up below or beyond the supply voltage. These
devices are designed for low voltage logic translators.
The TLV903x have a push-pull output stage capable
of sinking and sourcing many milliamps of current to
drive LEDs or capacitive loads for MOSFET gates.
The TLV90x0 and TLV90x1 are alternate pinouts of
the single device.
The family is specified for the Industrial temperature
range of -40°C to +125°C and are available in a
standard leaded and leadless packages.




Similar Part No. - TLV9020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9020 TI-TLV9020 Datasheet
4Mb / 67P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020 Datasheet
4Mb / 68P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020 Datasheet
4Mb / 67P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results


Similar Description - TLV9020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9020 TI-TLV9020 Datasheet
4Mb / 67P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V01 Datasheet
4Mb / 68P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020_V02 Datasheet
4Mb / 67P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020_V03 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V04 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V05 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com