Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1GU04 Datasheet (PDF) - Texas Instruments

SN74LVC1GU04 Datasheet PDF - Texas Instruments
Part # SN74LVC1GU04
Download  SN74LVC1GU04 Download
File Size   1226.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1GU04-Q1 Automotive Single Unbuffered Inverter

SN74LVC1GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1GU04 Datasheet PDF - Texas Instruments

Part # SN74LVC1GU04
Download  SN74LVC1GU04 Click to download

File Size   1226.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1GU04-Q1 Automotive Single Unbuffered Inverter

SN74LVC1GU04 Datasheet (HTML) - Texas Instruments


SN74LVC1GU04 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
• Operating range from 1.65V to 5.5V
• 5.5V tolerant input pins
• Supports standard pinouts
• Latch-up performance exceeds 100mA
per JESD 78

2 Applications
• Body control modules
• Engine control modules
• Infotainment systems
• Telematics

3 Description
The SN74LVC1GU04-Q1 is a single channel
unbuffered CMOS inverter.
Unbuffered inverters contain a single CMOS inverter
stage and can be operated both in standard digital
switching applications and in the analog linear region.
While primarily specified for digital operation, the
unbuffered architecture supports potential analog
applications such as crystal oscillator circuits or linear
amplification.




Similar Part No. - SN74LVC1GU04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
643Kb / 16P
SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
709Kb / 16P
SINGLE INVERTER GATE
SN74LVC1GU04 TI1-SN74LVC1GU04 Datasheet
1Mb / 41P
Single Inverter Gate
SN74LVC1GU04 TI2-SN74LVC1GU04 Datasheet
2Mb / 49P
SN74LVC1GU04 Single Inverter Gate
REVISED DECEMBER 2017
More results


Similar Description - SN74LVC1GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
Single Unbuffered Inverter
January, 2005 ??Rev. 8
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
Single Unbuffered Inverter
February, 2007 ??Rev. 16
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
Single Unbuffered Inverter
November, 2015 ??Rev. 0
MC74HC1GU04 ONSEMI-MC74HC1GU04_11 Datasheet
115Kb / 6P
Single Unbuffered Inverter
May, 2011 ??Rev. 9
logo
Texas Instruments
SN74LVC2GU04-Q1 TI1-SN74LVC2GU04-Q1 Datasheet
168Kb / 15P
SN74LVC2GU04-Q1 Dual Unbuffered Inverter
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
Single unbuffered inverter
logo
ON Semiconductor
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
Single unbuffered inverter
Rev. 3 - 4 February 2022
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
Single unbuffered inverter
Rev. 7 - 4 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com