Electronic Components Datasheet Search
  English  ▼

X  

5RCD0148HC3 Datasheet (PDF) - Renesas Technology Corp

5RCD0148HC3 Datasheet PDF - Renesas Technology Corp
Part # 5RCD0148HC3
Download  5RCD0148HC3 Download
File Size   205.42 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR5 Register Command Address up to 4800MT/s

5RCD0148HC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
5RCD0148HC3 Datasheet PDF - Renesas Technology Corp

Part # 5RCD0148HC3
Download  5RCD0148HC3 Click to download

File Size   205.42 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR5 Register Command Address up to 4800MT/s

5RCD0148HC3 Datasheet (HTML) - Renesas Technology Corp


5RCD0148HC3 Product details

• Pinout optimized DDR5 RDIMM PCB layout
• DDR5 server speeds up to 4800MT/s
• Supports power-down modes to conserve server
power
• Supports 1-rank/2-rank DIMM configurations
• Supports SDP, DDP, 3DS DRAM types
• Supports up to 16Gb DRAM die
• Provides access to internal control words for
configuring device features and adapting to different
RDIMM and system applications
• I3C sideband access for asynchronous register access control
• BCOM SidebandBus for LRDIMM data buffer control
• Loopback and pass-through modes
• Package: 8.7 × 13.5 mm, 240-FCBGA
• Available in commercial temp. range (0°C to 70°C)
and industrial temp. range (-40°C to 105°C)




Similar Part No. - 5RCD0148HC3

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
5RC BIVAR-5RC Datasheet
452Kb / 4P
STD PANEL MOUNT INDICATORS
12/20/05
5RC12V BIVAR-5RC12V Datasheet
452Kb / 4P
STD PANEL MOUNT INDICATORS
12/20/05
More results


Similar Description - 5RCD0148HC3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
logo
Texas Instruments
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16832 TI-SN74ALVCH16832 Datasheet
124Kb / 9P
1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
1-to 4 Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
1-to 4 Address Register / Driver with 3-state Outputs
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
1-to-4 Address Register / Driver with 3-state Outputs
logo
Texas Instruments
CAB4A TI1-CAB4A Datasheet
221Kb / 10P
CAB4A - DDR4 Register 32-Bit 1:2 Command/Address/Control Buffer and 1:4 Differential Clock Buffer
logo
Elite Semiconductor Mem...
F59L512M81A ESMT-F59L512M81A Datasheet
1Mb / 40P
Command/Address/Data Multiplexed I/O Port
logo
Panasonic Semiconductor
MN101E34 PANASONIC-MN101E34 Datasheet
321Kb / 3P
Correcting address designation: Up to 7 addresses possible
logo
Texas Instruments
SN74ALVCH16832 TI1-SN74ALVCH16832_08 Datasheet
299Kb / 11P
1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com