Electronic Components Datasheet Search
  English  ▼

X  

ISO7760DWR.A Datasheet (PDF) - Texas Instruments

ISO7760DWR.A Datasheet PDF - Texas Instruments
Part # ISO7760DWR.A
Download  ISO7760DWR.A Download
File Size   2242.95 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO776x High-speed, robust EMC, reinforced six-channel digital isolators

ISO7760DWR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7760DWR.A Datasheet PDF - Texas Instruments

Part # ISO7760DWR.A
Download  ISO7760DWR.A Click to download

File Size   2242.95 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO776x High-speed, robust EMC, reinforced six-channel digital isolators

ISO7760DWR.A Datasheet (HTML) - Texas Instruments


ISO7760DWR.A Product details

1 Features
• 100 Mbps data rate
• Robust isolation barrier:
– >30-Year projected lifetime
– Up to 5000 VRMS isolation rating
– Up to 12.8 kV surge capability
– ±100 kV/μs Typical CMTI
• Wide supply range: 2.25 V to 5.5 V
• 2.25-V to 5.5-V Level translation
• Default output high (ISO776x) and low (ISO776xF)
Options
• Wide temperature range: –55°C to +125°C
• Low power consumption, typical 1.4 mA per
channel at 1 Mbps
• Low propagation delay: 11 ns typical at 5 V
• Robust Electromagnetic Compatibility (EMC):
– System-level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 Contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16) and SSOP (DBQ-16)
package options
• Automotive version available: ISO776x-Q1
• Safety-related certifications:
– Reinforced insulation per DIN EN IEC 60747-17
(VDE 0884-17)
– UL 1577 component recognition program
– CSA Certification per IEC 62368-1 and IEC
60601-1
– CQC Certification per GB4943.1
– TUV Certification according to EN 62368-1 and
EN 61010-1

2 Applications
• Industrial automation
• Motor control
• Power supplies
• Solar inverters
• Medical equipment

3 Description
The ISO776x devices are high-performance, sixchannel
digital isolators with 5000-VRMS (DW
package) and 3000-VRMS (DBQ package) isolation
ratings per UL 1577. This family of devices is also
certified according to VDE, CSA, TUV and CQC.
The ISO776x family of devices provides highelectromagnetic
immunity and low emissions at
low-power consumption, while isolating CMOS or
LVCMOS digital I/Os. Each isolation channel has
a logic-input and logic-output buffer separated by
a double capacitive silicon dioxide (SiO2) insulation
barrier. The ISO776x family of devices is available
in all possible pin configurations such that all six
channels are in the same direction, or one, two,
or three channels are in reverse direction while the
remaining channels are in forward direction. If the
input power or signal is lost, the default output is high
for devices without suffix F and low for devices with
suffix F. See the Device Functional Modes section for
further details.
Used in conjunction with isolated power supplies,
this family of devices helps prevent noise currents
on data buses, such as RS-485, RS-232, and
CAN , or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. Through innovative chip design and layout
techniques, electromagnetic compatibility of the
ISO776x family of devices has been significantly
enhanced to ease system-level ESD, EFT, surge, and
emissions compliance. The ISO776x family of devices
is available in 16-pin SOIC and SSOP packages.




Similar Part No. - ISO7760DWR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7760DWR.A TI2-ISO7760DWR.A Datasheet
2Mb / 52P
ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
REVISED JANUARY 2024
More results


Similar Description - ISO7760DWR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1 Datasheet
2Mb / 43P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com