Electronic Components Datasheet Search
  English  ▼

X  

LM78L05ACM/NOPB Datasheet (PDF) - Texas Instruments

LM78L05ACM/NOPB Datasheet PDF - Texas Instruments
Part # LM78L05ACM/NOPB
Download  LM78L05ACM/NOPB Download
File Size   1787.67 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM78L 100mA Fixed Output Linear Regulator

LM78L05ACM/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78L05ACM/NOPB Datasheet PDF - Texas Instruments

Part # LM78L05ACM/NOPB
Download  LM78L05ACM/NOPB Click to download

File Size   1787.67 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM78L 100mA Fixed Output Linear Regulator

LM78L05ACM/NOPB Datasheet (HTML) - Texas Instruments


LM78L05ACM/NOPB Product details

1 Features
• Input voltage: up to 30V operating
– 45V absolute maximum (new chip)
• Available output voltages:
– Legacy chip: 5V, 6.2V, 8.2V, 9V, 12V, 15V
– New chip: 3.3V, 5V, 6V, 12V, 15V
• Output current: 100mA
• Internal thermal overload protection
• Output current limiting
• No external components required for stability
• Package options:
– Legacy chip: SOIC-8, TO-92-3, DSBGA-8
– New chip: SOIC-8, SOT-89-3

2 Applications
• Servo & stepper drives
• Battery chargers
• Portable instrumentation
• LED lighting
• Appliances

3 Description
The LM78L series (LM78Lxx throughout this
document) of positive linear regulators is available
with several fixed output voltages, making the devices
useful in a wide range of applications. Used as a
Zener-diode and resistor combination replacement,
the LM78Lxx typically provides an effective output
impedance improvement of two orders of magnitude
and lower quiescent current. These regulators
can provide local, on-card regulation, eliminating
distribution problems associated with single-point
regulation. The available voltages allow the LM78Lxx
to be used in logic systems, instrumentation, HiFi, and
other solid-state electronic equipment.
The LM78Lxx with new chip is available in SOIC (D)
package and SOT-89 (PK) packages. The LM78Lxx
series regulators can deliver up to 100mA output
current. Current limiting is included to limit the peak
output current to a safe value. If internal power
dissipation is too high, the thermal shutdown circuit
prevents the IC from overheating.




Similar Part No. - LM78L05ACM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78L05ACM/NOPB TI1-LM78L05ACM/NOPB Datasheet
1,014Kb / 21P
LM78LXX Series 3-Terminal Positive Regulators
LM78L05ACM/NOPB TI1-LM78L05ACM/NOPB Datasheet
1,014Kb / 21P
LM78LXX Series 3-Terminal Positive Regulators
LM78L05ACM/NOPB TI2-LM78L05ACM/NOPB Datasheet
2Mb / 5P
LM78L 100mA Fixed Output Linear Regulator
REVISED APRIL 2026
LM78L05ACM/NOPB.B TI2-LM78L05ACM/NOPB.B Datasheet
2Mb / 5P
LM78L 100mA Fixed Output Linear Regulator
REVISED APRIL 2026
More results


Similar Description - LM78L05ACM/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
logo
Analog Microelectronics
AME78LXX AME-AME78LXX Datasheet
167Kb / 15P
100mA Positive Linear Regulator
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL6 SUTEX-CL6_13 Datasheet
785Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
Rohm
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
100mA Variable Output LDO Regulator
logo
FutureWafer Tech Co.,Lt...
FW78L FUTUREWAFER-FW78L Datasheet
1Mb / 19P
100mA Fixed Output Linear Regulator
22-Jan-2022 V 2.0
logo
Texas Instruments
LM78L TI1-LM78L Datasheet
1Mb / 35P
LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com