Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet (PDF) - Texas Instruments

ADS1015 Datasheet PDF - Texas Instruments
Part # ADS1015
Download  ADS1015 Download
File Size   1692.11 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS111xL Ultra-Small, Low-Power, 16-Bit, 860-SPS ADCs With PGA, Comparator, and 1.8-V I2C Bus Voltage Support

ADS1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1015 Datasheet PDF - Texas Instruments

Part # ADS1015
Download  ADS1015 Click to download

File Size   1692.11 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS111xL Ultra-Small, Low-Power, 16-Bit, 860-SPS ADCs With PGA, Comparator, and 1.8-V I2C Bus Voltage Support

ADS1015 Datasheet (HTML) - Texas Instruments


ADS1015 Product details

1 Features
• Supply voltage range: 2.0 V to 3.6 V
• Low current consumption:
– 150 μA (continuous-conversion mode)
• Programmable data rate:
8 SPS to 860 SPS
• Single-cycle settling
• Internal low-drift voltage reference
• Internal oscillator
• Digital comparator with ALERT output pin
• I2C interface:
– Four pin-selectable address
– Compatible with 1.8-V I2C bus voltages
• Operating temperature range:
– –40°C to +125°C

2 Applications
• General system monitoring:
– Supply-voltage monitoring
– Current measurement
– Temperature measurement
• Wearables and personal electronics

3 Description
The ADS1114L and ADS1115L (ADS111xL) are
precision, low-power, 16-bit, I2C-compatible, analogto-
digital converters (ADCs) offered in ultra-small, 12-
pin DSBGA and a 10-pin VSSOP packages. The
ADS111xL incorporate a low-drift voltage reference
and an oscillator. The ADS111xL also incorporate
a programmable gain amplifier (PGA) and a
digital comparator. These features, along with the
device wide operating supply range, are useful for
power- and space-constrained, sensor measurement
applications.
The ADS111xL perform conversions at data rates up
to 860 samples per second (SPS). The PGA offers
input ranges from ±256 mV to ±6.144 V, allowing
precise large- and small-signal measurements. The
ADS1115L features an input multiplexer (MUX) that
allows two differential or four single-ended input
measurements. Use the digital comparator in the
ADS111xL for under- and overvoltage detection.




Similar Part No. - ADS1015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015 TI-ADS1015 Datasheet
789Kb / 34P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
670Kb / 34P
Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
1Mb / 37P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1015 TI-ADS1015 Datasheet
1Mb / 38P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
1Mb / 33P
Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Similar Description - ADS1015

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
Cirrus Logic
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_11 Datasheet
387Kb / 22P
Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
logo
NXP Semiconductors
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
logo
Linear Technology
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
logo
Texas Instruments
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
logo
Texas Instruments
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com