Electronic Components Datasheet Search
  English  ▼

X  

FMCA1237 Datasheet (PDF) - Infinite Electronics International, Inc.

FMCA1237 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMCA1237
Download  FMCA1237 Download
File Size   513.47 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Low Loss N Male to N Female Bulkhead Cable LL142 Coax

FMCA1237 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMCA1237 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMCA1237
Download  FMCA1237 Click to download

File Size   513.47 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Low Loss N Male to N Female Bulkhead Cable LL142 Coax

FMCA1237 Datasheet (HTML) - Infinite Electronics International, Inc.


FMCA1237 Product details

Features:
• Max Frequency 18 GHz
• Shielding Effectivity > 95 dB
• 83% Phase Velocity
• Triple Shielded
• FEP Jacket
• 83% Velocity of Propagation
(Vop)
• Shielding effectiveness >95 dB
• Maximum VSWR is < 1.35:1 to
18 GHz
• Minimum Bend Radius of 1 inch
• Operating Temperature range of
-55 to +125°C
• 100% RF Tested
• Custom lengths available




Similar Part No. - FMCA1237

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMCA1230 FAIRVIEW-FMCA1230 Datasheet
507Kb / 3P
Precision SMA Female to N Male Cable FM-F141 Coax with LF Solder
REV 1.0
FMCA1235 FAIRVIEW-FMCA1235 Datasheet
517Kb / 4P
Low Loss SMA Male to SMA Female Cable LL142 Coax with LF Solder
REV 1.1
FMCA1236 FAIRVIEW-FMCA1236 Datasheet
515Kb / 4P
Low Loss SMA Male to RA SMA Male Cable LL142 Coax
REV 1.1
FMCA1238 FAIRVIEW-FMCA1238 Datasheet
539Kb / 4P
Low Loss N Male to RA N Male Cable LL142 Coax with LF Solder
REV 1.2
FMCA1239 FAIRVIEW-FMCA1239 Datasheet
528Kb / 4P
Low Loss TNC Male to RA TNC Male Cable LL142 Coax with LF Solder
REV 1.1
More results


Similar Description - FMCA1237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE344 PASTERNACK-PE344 Datasheet
350Kb / 4P
N Male to N Female Bulkhead Low Loss Test Cable Using PE-P142LL Coax, RoHS
PE3C1000 PASTERNACK-PE3C1000 Datasheet
1Mb / 5P
N Female Bulkhead to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C2162 PASTERNACK-PE3C2162 Datasheet
437Kb / 5P
SMA Male to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3232 PASTERNACK-PE3C3232 Datasheet
417Kb / 5P
N Female Bulkhead to N Female Bulkhead Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3M0175 PASTERNACK-PE3M0175 Datasheet
740Kb / 7P
Temperature Conditioned N Male to N Female Bulkhead Low Loss Cable
PE3M0177 PASTERNACK-PE3M0177 Datasheet
749Kb / 7P
Temperature Conditioned N Female Bulkhead to N Female Bulkhead Low Loss Cable
PE3M0220 PASTERNACK-PE3M0220 Datasheet
726Kb / 7P
Temperature Conditioned N Male to N Female Bulkhead Low Loss Cable
PE3M0222 PASTERNACK-PE3M0222 Datasheet
733Kb / 7P
Temperature Conditioned N Female Bulkhead to N Female Bulkhead Low Loss Cable
PE3M0248 PASTERNACK-PE3M0248 Datasheet
731Kb / 7P
Temperature Conditioned N Male to N Female Bulkhead Low Loss Cable
PE3M0250 PASTERNACK-PE3M0250 Datasheet
739Kb / 7P
Temperature Conditioned N Female Bulkhead to N Female Bulkhead Low Loss Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com