Electronic Components Datasheet Search
  English  ▼

X  

PDEV3520Z Datasheet (PDF) - Potens Semiconductor Corp.

PDEV3520Z Datasheet PDF - Potens Semiconductor Corp.
Part # PDEV3520Z
Download  PDEV3520Z Download
File Size   870.84 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 30V Dual N Channel MOSFETs

PDEV3520Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PDEV3520Z Datasheet PDF - Potens Semiconductor Corp.

Part # PDEV3520Z
Download  PDEV3520Z Click to download

File Size   870.84 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 30V Dual N Channel MOSFETs

PDEV3520Z Datasheet (HTML) - Potens Semiconductor Corp.


PDEV3520Z Product details

Features
- Fast switching
- Green Device Available
- Suit for 1.5V Gate Drive Applications
- Notebook
- Hand-held Instruments

Applications
- Load Switch
- Networking




Similar Part No. - PDEV3520Z

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEV3420Z POTENS-PDEV3420Z Datasheet
924Kb / 7P
30V NP Dual Channel MOSFETs
Ver.1.03
More results


Similar Description - PDEV3520Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87312Q3E TI1-CSD87312Q3E_14 Datasheet
794Kb / 13P
Dual 30V N-Channel NexFET Power MOSFETs
logo
First Silicon Co., Ltd
FTK3710 FS-FTK3710 Datasheet
896Kb / 6P
30V NP Dual Channel MOSFETs
FTK3714NP FS-FTK3714NP Datasheet
1Mb / 4P
30V NP Dual Channel MOSFETs
FTK3810 FS-FTK3810 Datasheet
916Kb / 5P
30V Dual N-Channel MOSFETs
FTK3812 FS-FTK3812 Datasheet
928Kb / 5P
30V Dual N-Channel MOSFETs
FTK3908P FS-FTK3908P Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3910DFN22 FS-FTK3910DFN22 Datasheet
978Kb / 5P
30V N-Channel MOSFETs
FTK3810V FS-FTK3810V Datasheet
1Mb / 5P
30V Dual N-Channel MOSFETs
logo
FETek Technology Corp.
FKBA3430 FETEK-FKBA3430 Datasheet
776Kb / 7P
30V Dual Asymmetric N-Channel MOSFETs
Ver : A
FKBB3909 FETEK-FKBB3909 Datasheet
1,012Kb / 9P
30V NP Dual Channel MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com