Electronic Components Datasheet Search
  English  ▼

X  

KS101 Datasheet (PDF) - Sensata Technologies, Inc.

KS101 Datasheet PDF - Sensata Technologies, Inc.
Part # KS101
Download  KS101 Download
File Size   620.02 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description POWERPLUS DC SERIES | 100 VDC

KS101 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS101 Datasheet PDF - Sensata Technologies, Inc.

Part # KS101
Download  KS101 Click to download

File Size   620.02 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description POWERPLUS DC SERIES | 100 VDC

KS101 Datasheet (HTML) - Sensata Technologies, Inc.


KS101 Product details

Features
• Ratings from 10 A to 100 A @ 100 VDC
• LED Status Indicator
• Relays are easily paralleled for higher-current applications
• UL Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• MOSFET Output
• DC control
• EMC Compliant to Level 3
• Epoxy Free Design
• Optional IP20 Cover
• PWM up to 1 kHz




Similar Part No. - KS101

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
KS101 CRYDOM-KS101 Datasheet
632Kb / 5P
PROTECTIVE COVERS
logo
DFI Inc
KS101-BT DFI-KS101-BT Datasheet
759Kb / 4P
Intel® AtomTM E3800 Series 10.1" Light Industrial Touch Panel PC
KS101-BTW24-E45 DFI-KS101-BTW24-E45 Datasheet
759Kb / 4P
Intel® AtomTM E3800 Series 10.1" Light Industrial Touch Panel PC
KS101-BTW24-J00 DFI-KS101-BTW24-J00 Datasheet
759Kb / 4P
Intel® AtomTM E3800 Series 10.1" Light Industrial Touch Panel PC
KS101-EHL DFI-KS101-EHL Datasheet
761Kb / 4P
10.1" Industrial Touch Panel PC
More results


Similar Description - KS101

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Bel Fuse Inc.
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-06E2AX BEL-SLIN-06E2AX Datasheet
442Kb / 25P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-12E1AX BEL-SLIN-12E1AX Datasheet
762Kb / 26P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /12 A Outputs
0RCY-80R BEL-0RCY-80R Datasheet
225Kb / 8P
ISOLATED DC/DC CONVERTERS 18 Vdc - 36 Vdc Input
logo
HY-LINE Power Component...
P100A2405S HY-LINE-P100A2405S Datasheet
1Mb / 7P
100 W DC-DC Converter P100A-Series
Rev: 20190820 f
P100B4805S HY-LINE-P100B4805S Datasheet
1Mb / 7P
100 W DC-DC Converter P100B-Series
Rev: 20190820 f
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com