Electronic Components Datasheet Search
  English  ▼

X  

TLMG1100 Datasheet (PDF) - Vishay Siliconix

TLMG1100 Datasheet PDF - Vishay Siliconix
Part # TLMG1100
Download  TLMG1100 Download
File Size   187.77 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 0603 SMD LED

TLMG1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLMG1100 Datasheet PDF - Vishay Siliconix

Part # TLMG1100
Download  TLMG1100 Click to download

File Size   187.77 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 0603 SMD LED

TLMG1100 Datasheet (HTML) - Vishay Siliconix


TLMG1100 Product details

DESCRIPTION
The new 0603 LED series have been designed in the
smallest SMD package. This innovative 0603 LED
technology opens the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0603 LED is an obvious solution for small-scale, high
power products that are expected to work reliability in an
arduous environment.

FEATURES
• Smallest SMD package 0603 with exceptional
brightness
1.6 mm x 0.8 mm x 0.6 mm (L x W x H)
• High reliability lead frame based
• Temperature range -40 °C to +100 °C
• Footprint compatible to 0603 chipled
• Wavelength 466 nm (blue), 570 nm (green),
561 nm (pure green), 589 nm (yellow), 606 nm
(orange), 633 nm (red)
• AllnGaP and GaN technology
• Viewing angle: extremely wide 160°
• Grouping parameter: luminous intensity, wavelength
• Available in 8 mm tape
• Compatible to IR reflow soldering
• Preconditioning according to JEDEC® level 2
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Backlight keypads
• Navigation systems
• Cellular phone displays
• Displays for industrial control systems
• Automotive features
• Miniaturized color effects
• Traffic displays




Similar Part No. - TLMG1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMG1100 VISHAY-TLMG1100 Datasheet
301Kb / 15P
Ultrabright 0603 LED
30-Aug-04
TLMG1100 VISHAY-TLMG1100 Datasheet
189Kb / 15P
Standard 0603 SMD LED
20-Jul-12
TLMG1100 VISHAY-TLMG1100 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMG1100 TO-GRACE-TLMG1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
TLMG1100 TO-GRACE-TLMG1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
More results


Similar Description - TLMG1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS1102 VISHAY-TLMS1102 Datasheet
133Kb / 8P
Standard 0603 SMD LED
24-Sep-07
VLMO11Q1R2 VISHAY-VLMO11Q1R2 Datasheet
187Kb / 9P
Standard 0603 SMD LED
06-Nov-07
logo
P-tec Corporation
PL00230-WCG17 P-TEC-PL00230-WCG17 Datasheet
30Kb / 1P
SMD LED 0603 Package
logo
Vishay Siliconix
TLMS1100 VISHAY-TLMS1100_12 Datasheet
189Kb / 15P
Standard 0603 SMD LED
20-Jul-12
TLMG1100-GS08 VISHAY-TLMG1100-GS08 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
TLMS1100-GS08 VISHAY-TLMS1100-GS08 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMB1100 TO-GRACE-TLMB1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
TLMS1100 TO-GRACE-TLMS1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
logo
Vishay Siliconix
TLMP1100 VISHAY-TLMP1100_V01 Datasheet
185Kb / 13P
Standard 0603 SMD LED
17-Feb-2021
TLMP1100 VISHAY-TLMP1100_V02 Datasheet
264Kb / 14P
Standard 0603 SMD LED
06-Oct-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com