Electronic Components Datasheet Search
  English  ▼

X  

TPS37100 Datasheet (PDF) - Texas Instruments

TPS37100 Datasheet PDF - Texas Instruments
Part # TPS37100
Download  TPS37100 Download
File Size   1616.68 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements

TPS37100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS37100 Datasheet PDF - Texas Instruments

Part # TPS37100
Download  TPS37100 Click to download

File Size   1616.68 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements

TPS37100 Datasheet (HTML) - Texas Instruments


TPS37100 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature TA
• ASIL D Functional Safety-Compliant (Targeted for
TPS37102-Q1)
– Documentation to aid ISO 26262 system design
– Systematic capability up to ASIL D targeted
– Hardware capability up to ASIL D targeted
• Functional Safety-Capable (TPS37100-Q1)
– Documentation available to aid functional safety
system design
• Wide supply voltage range: 3V to 105V
• Low quiescent current: 5μA
• High threshold accuracy: 1.1% (maximum)
• -95V reverse polarity protection on SENSE
• 5μs fast UV/OV monitor for 24V/48V systems
• Integrated buffer (AOUT) for supply voltage
measurement with enable pin
• Fixed and programmable release time delay
• Fixed and programmable sense time delay
• Open-drain, active-low output: OUT A and OUT B
• BIST and Latch available for TPS37102-Q1

2 Applications
• Battery management unit
• DC/DC converter system
• 2-wheeler and 3-wheeler traction drive
• Low-voltage battery system
• Traction inverter

3 Description
The TPS37100-Q1 and TPS37102-Q1 are 105V input
voltage supervisors with low quiescent current (5uA),
fast detection time, and an integrated buffer for supply
voltage measurements. This family of devices can be
connected directly to a 24V / 48V / 72V battery or
voltage rail for continuous monitoring of over (OV)
or under (UV) voltage conditions. Wide hysteresis
voltage options are available to ignore false output
deassertions that are be caused by battery voltage
transients.
The TPS37100-Q1 and TPS37102-Q1 include two
outputs (OUT A and OUT B) that are used as
separate OV and UV fault monitors enabling system
to take different action based on the fault that occurs.
Additionally, the AOUT pin provides a scaled down
SENSE pin voltage output and is intended to be
sampled by ADC for supply voltage measurements.
The user can choose the scaling factor desired based
on the orderable part selected. The TPS37102-Q1
comes with BIST which is implemented at start-up to
verify device health as well as an optional latching
feature on OUT A to help the system bring into a safe
state when critical faults occurs.




Similar Part No. - TPS37100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37100 TI2-TPS37100 Datasheet
1Mb / 32P
TPS37100, TPS37102 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
REVISED SEPTEMBER 2025
TPS37100 TI2-TPS37100 Datasheet
1Mb / 33P
TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
REVISED SEPTEMBER 2025
TPS37100-Q1 TI-TPS37100-Q1 Datasheet
1Mb / 37P
TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
SEPTEMBER 2024
TPS37100-Q1 TI2-TPS37100-Q1 Datasheet
1Mb / 32P
TPS37100, TPS37102 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
REVISED SEPTEMBER 2025
TPS37100-Q1 TI2-TPS37100-Q1 Datasheet
1Mb / 33P
TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
REVISED SEPTEMBER 2025
More results


Similar Description - TPS37100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3704-Q1 TI-TPS3704-Q1 Datasheet
3Mb / 37P
TPS3704x-Q1 Quad/Triple/Dual/Single Window or Standard Voltage Supervisor
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
TPS3704-Q1 TI-TPS3704-Q1_V01 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
MAY 2022
TPS3704-Q1 TI-TPS3704-Q1_V02 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED MAY 2022
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS389C03-Q1 TI1-TPS389C03-Q1 Datasheet
5Mb / 88P
TPS389C03-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor with Q&A Watchdog
REVISED SEPTEMBER 2023
TPS3704-Q1 TI1-TPS3704-Q1_V03 Datasheet
2Mb / 40P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com