Electronic Components Datasheet Search
  English  ▼

X  

LT80602 Datasheet (PDF) - Analog Devices

LT80602 Datasheet PDF - Analog Devices
Part # LT80602
Download  LT80602 Download
File Size   1492.04 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current

LT80602 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT80602 Datasheet PDF - Analog Devices

Part # LT80602
Download  LT80602 Click to download

File Size   1492.04 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current

LT80602 Datasheet (HTML) - Analog Devices


LT80602 Product details

FEATURES
 Silent Switcher® Architecture
 Ultralow EMI Emissions
 Spread Spectrum Frequency Modulation
 High Efficiency at High Frequency
 Up to 94.3% at 400kHz, 90% at 2.1MHz,
24VIN to 5VOUT
 Up to 95.6% at 400kHz, 91.1% at 2.1MHz,
48VIN to 12VOUT
 Pin Selectable Fixed 3.3V, Fixed 5V, or Adjustable
Output from 0.8V to 99% of VIN
 Low Quiescent Current Burst Mode Operation
 8μA IQ Regulating 24VIN to 5VOUT
 On-the-Fly Mode Change Among Burst Mode,
Pulse-Skipping Mode, and FCM
 Built-in Output-Voltage Monitoring and Die
Temperature Monitoring with PG/TJ
 200kHz to 3MHz Adjustable Switching Frequency
with External Clock Synchronization
 80V Transient-Input Tolerant (LT8060xHV)
 Programmable Soft-Start and Tracking
 Small 17-Lead 3mm × 3mm Quad Flat No-lead (QFN)




Similar Part No. - LT80602

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LT800 LITTELFUSE-LT800 Datasheet
110Kb / 2P
Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
LT800 LITTELFUSE-LT800 Datasheet
116Kb / 2P
Switching Gas Discharge Tubes
More results


Similar Description - LT80602

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8620 LINER-LT8620_15 Datasheet
590Kb / 26P
65V, 2A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com