Electronic Components Datasheet Search
  English  ▼

X  

TCA9536 Datasheet (PDF) - Texas Instruments

TCA9536 Datasheet PDF - Texas Instruments
Part # TCA9536
Download  TCA9536 Download
File Size   1445.69 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9536-Q1 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers

TCA9536 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9536 Datasheet PDF - Texas Instruments

Part # TCA9536
Download  TCA9536 Click to download

File Size   1445.69 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9536-Q1 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers

TCA9536 Datasheet (HTML) - Texas Instruments


TCA9536 Product details

1 Features
• I2C to GPIO expander
• Operating power-supply voltage range of 1.65V to
5.5V
• 5V Tolerant I/O ports
• Software Reset via I2C General Call
• Software-enabled integrated pull-up resistors on P
ports
• P3 can be repurposed as INT output
• 1MHz Fast mode plus I2C bus
• Input and output configuration register
• Polarity inversion register
• Internal power-on reset
• Power-up with all channels configured as inputs
• Noise filter on SCL and SDA inputs
• Latched outputs with high-current drive maximum
capability for directly driving LEDs
• ESD protection
– 2000V Human body model (Q100-002)
– 1000V Charged-device model (Q100-011)

2 Applications
• Automotive infotainment and cluster
• Body electronics and lighting
• Hybrid, electric and powertrain systems
• Industrial transportation
• Products with GPIO-limited processors

3 Description
The TCA9536-Q1 is a 4-bit I/O expander for the I2C
bus and is designed for 1.65V to 5.5V VCC operation.
It provides general-purpose remote I/O expansion for
most microcontroller families via the I2C interface.
The system controller can enable the I/Os as either
inputs or outputs by writing to the I/O configuration
register bits. The data for each input or output is
kept in the corresponding input or output register. The
polarity of the Input Port register can be inverted with
the Polarity Inversion register. There is an additional
special function register that can be used to disable
the internal pull-up resistors and P3 override to an INT
output.
The TCA9536-Q1 open-drain interrupt output (when
P3 is configured as INT in the special function
register) is activated when any input differs from its
corresponding Input Port register state and is used to
indicate to the system controller that an input state
has changed.
The system processor can reset the TCA9536-Q1 in
the event of a timeout or other improper operation
by using an I2C soft reset command, which puts the
registers in their default state.




Similar Part No. - TCA9536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9536 TI-TCA9536 Datasheet
1Mb / 34P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
SCPS275 ??JULY 2021
TCA9536 TI-TCA9536 Datasheet
1Mb / 31P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9536 TI-TCA9536 Datasheet
2Mb / 37P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9536 TI1-TCA9536 Datasheet
1Mb / 37P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
REVISED DECEMBER 2021
TCA9536ADTMR TI-TCA9536ADTMR Datasheet
2Mb / 37P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
More results


Similar Description - TCA9536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9536 TI-PCA9536 Datasheet
475Kb / 25P
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9536 TI-TCA9536 Datasheet
1Mb / 34P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
SCPS275 ??JULY 2021
TCA9536 TI-TCA9536_V01 Datasheet
1Mb / 31P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9537 TI-TCA9537 Datasheet
2Mb / 36P
TCA9537 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
FEBRUARY 2022
TCA9536 TI-TCA9536_V02 Datasheet
2Mb / 37P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9536 TI1-TCA9536_V03 Datasheet
1Mb / 37P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
REVISED DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com