Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610 Datasheet (PDF) - Analog Devices

ADPL21610 Datasheet PDF - Analog Devices
Part # ADPL21610
Download  ADPL21610 Download
File Size   1340.69 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.1A Step-Up DC/DC Converter with Integrated Soft-Start

ADPL21610 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL21610 Datasheet PDF - Analog Devices

Part # ADPL21610
Download  ADPL21610 Click to download

File Size   1340.69 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.1A Step-Up DC/DC Converter with Integrated Soft-Start

ADPL21610 Datasheet (HTML) - Analog Devices


ADPL21610 Product details

Features
● 1.3MHz Switching Frequency
● Low VCESAT Switch: 330mV at 1.1A
● High Output Voltage: Up to 40V
● Wide Input Range: 2.7V to 16V
● Dedicated Soft-Start Pin
● Uses Small Surface Mount Components
● Low Shutdown Current: <1μA
● Low Profile (1mm) ThinSOT™ Package
● Low Profile (0.75mm) 8-Lead (3mm × 2mm) Dual
Flat No Lead (DFN) Package




Similar Part No. - ADPL21610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL21210 AD-ADPL21210 Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210ECPZ AD-ADPL21210ECPZ Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210ECPZ-RL AD-ADPL21210ECPZ-RL Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210EUJZ AD-ADPL21210EUJZ Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210EUJZ-RL AD-ADPL21210EUJZ-RL Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
More results


Similar Description - ADPL21610

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
Step-up PWM DC/DC Converter Integrated with 5 Buffers
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
Step-up PWM DC/DC Converter Integrated with 4 Buffers
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LTC3105 LINER-LTC3105 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Linear Integrated Syste...
LT3467AIS6 LINEAR-LT3467AIS6 Datasheet
254Kb / 18P
1.1A Step-Up DC/DC Converter with
logo
Linear Technology
LTC3105 LINER-LTC3105_15 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com