Electronic Components Datasheet Search
  English  ▼

X  

PM2115B Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

PM2115B Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # PM2115B
Download  PM2115B Download
File Size   964.01 Kbytes
Page   8 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description BUCK APFCConstant Current Driver

PM2115B Datasheet (PDF)

Go To PDF Page Download Datasheet
PM2115B Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # PM2115B
Download  PM2115B Click to download

File Size   964.01 Kbytes
Page   8 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description BUCK APFCConstant Current Driver

PM2115B Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


PM2115B Product details

FEATURE
 High Voltage (800V) JFET Technology
 Capacitance Amplifier Technology is
Applied for Loop Compensation of
Control with No MLCC
 3% Constant Current Regulation
 High PF (>0.95)&Low THD (<15%)
 Soft Driving and Critical Conduction
Mode Operation for EMI Optimization
 High System Reliability and High
Efficiency
 VCC Under Voltage Protection
APPLICATIONS
 LED tube light
 LED bulb light
 LED spot light
 LED down light
 Other Constant Current Applications




Similar Part No. - PM2115B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PM2110 SCHNEIDER-PM2110 Datasheet
9Mb / 92P
LED display screen: Intuitive self-guided navigation using three buttons LED display, with three lines of concurrent values.
03/2020
logo
Bourns Electronic Solut...
PM2110-100K-RC BOURNS-PM2110-100K-RC Datasheet
172Kb / 2P
High Current SMD Power Inductors
PM2110-101K-RC BOURNS-PM2110-101K-RC Datasheet
172Kb / 2P
High Current SMD Power Inductors
PM2110-102K-RC BOURNS-PM2110-102K-RC Datasheet
172Kb / 2P
High Current SMD Power Inductors
PM2110-120K-RC BOURNS-PM2110-120K-RC Datasheet
172Kb / 2P
High Current SMD Power Inductors
More results


Similar Description - PM2115B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
Constant Current Buck LED Driver
logo
Shenzhen Tianyuan Semic...
TP8021 TPOWER-TP8021 Datasheet
548Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021N TPOWER-TP8021N Datasheet
534Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8023 TPOWER-TP8023 Datasheet
562Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
Average Current Type LED Buck Constant Current Driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
Linear buck LED constant current driver
logo
Recom International Pow...
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM9835 HMSEMI-HM9835 Datasheet
646Kb / 5P
Average current type LED buck constant current driver
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
Linear buck LED constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com