Electronic Components Datasheet Search
  English  ▼

X  

MSB30D Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

MSB30D Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # MSB30D
Download  MSB30D Download
File Size   427.98 Kbytes
Page   3 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER

MSB30D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSB30D Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # MSB30D
Download  MSB30D Click to download

File Size   427.98 Kbytes
Page   3 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER

MSB30D Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


MSB30D Product details

FEATURES:
Glass Passivated Chip Junction
• Reverse Voltage - 100 to 1000 V
• Forward Current - 3.0 A
• High Surge Current Capability
• Designed for Surface Mount Application

MECHANICAL DATA
• Case: UMSB
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.234g / 0.00825oz




Similar Part No. - MSB30D

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MSB30D YFWDIODE-MSB30D Datasheet
527Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
MSB30D CHENDA-MSB30D Datasheet
1Mb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
MSB30D CHENDA-MSB30D Datasheet
556Kb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MSB30D YFWDIODE-MSB30D Datasheet
464Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
MSB30D SKTECHNOLGY-MSB30D Datasheet
472Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - MSB30D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com