Electronic Components Datasheet Search
  English  ▼

X  

KBU35005 Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

KBU35005 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # KBU35005
Download  KBU35005 Download
File Size   915.35 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SILICON BRIDGE RECTIFIERS

KBU35005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU35005 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # KBU35005
Download  KBU35005 Click to download

File Size   915.35 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SILICON BRIDGE RECTIFIERS

KBU35005 Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


KBU35005 Product details

Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260°C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension

Mechanical Data
Case : JEDEC KBU Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.27ounce,7.59grams




Similar Part No. - KBU35005

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
KBU35005 YANGJIE-KBU35005 Datasheet
269Kb / 2P
SINGLE PHASE 10/15/25/35AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBU35005 CHENG-YI-KBU35005 Datasheet
125Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Jiangsu High diode Semi...
KBU35005 HDSEMI-KBU35005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
logo
Microdiode Semiconducto...
KBU35005 CHENDA-KBU35005 Datasheet
506Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KBU35005 JUXING-KBU35005 Datasheet
602Kb / 2P
BRIDGE RECTIFIERS
More results


Similar Description - KBU35005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com