Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet (PDF) - Analog Devices

MAX98396 Datasheet PDF - Analog Devices
Part # MAX98396
Download  MAX98396 Download
File Size   2968.29 Kbytes
Page   172 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention

MAX98396 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98396 Datasheet PDF - Analog Devices

Part # MAX98396
Download  MAX98396 Click to download

File Size   2968.29 Kbytes
Page   172 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention

MAX98396 Datasheet (HTML) - Analog Devices


MAX98396 Product details

Features
● Wide Input Supply Range (3.0V to 20V)
● Class-DG Operation Enables Industry-Leading
Quiescent Power
• 12.7mW at VPVDD = 12V , VVBAT = 3.8V
• 18mW at VPVDD = 19V, VVBAT = 5.0V
● Ultra-Low Noise Floor
• 15.5μVRMS Output Noise
• 118dB Dynamic Range
● Low Distortion
• -82dB THD+N at 1W into 8Ω, f = 1kHz
• -76dB THD+N at 1W into 8Ω, f = 6kHz
● Output Power at 1% THD+N:
• 20W into 8Ω, VPVDD = 19V
• 19W into 4Ω, VPVDD = 14V
● 60W Peak Output Power into 4Ω, VPVDD = 19V
● Speaker Amplifier Efficiency:
• 87% at 1W into 8Ω, VPVDD = 12V, VVBAT = 3.8V
• 83% at 1W into 4Ω, VPVDD = 12V, VVBAT = 3.8V
• 83% at 1W into 8Ω, VPVDD = 19V, VVBAT = 5.0V
• 91% at 20W into 8Ω, VPVDD = 19V, VVBAT = 5.0V
● Class-D EMI Reduction Enables Filterless Operation
● Spread-Spectrum Modulation
● Switching-Edge Rate Control
● Integrated Speaker Current and Voltage Sense do not
Require External Components
● Flexible Brownout-Prevention Engine
● I2S/16-Channel TDM and I2C Digital Interfaces
● Playback Support for 16-, 24-, and 32-Bit Data Words
● Playback and I/V Sense Support Sample Rates up to
192kHz
● Audio Processing Bypass Path
● Dynamic-Headroom Tracking Maintains a Consistent
Listening Experience
● Extensive Click-and-Pop Suppression
● 35-Bump, WLP (0.4mm Pitch)




Similar Part No. - MAX98396

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98396 MAXIM-MAX98396 Datasheet
1Mb / 17P
Complete Hardware System with Easy Setup; No Tools or Special Equipment Required
319-100702; Rev 0; 3/21
MAX98396EVSYS MAXIM-MAX98396EVSYS Datasheet
1Mb / 17P
Complete Hardware System with Easy Setup; No Tools or Special Equipment Required
319-100702; Rev 0; 3/21
MAX98396EVSYS# MAXIM-MAX98396EVSYS# Datasheet
1Mb / 17P
Complete Hardware System with Easy Setup; No Tools or Special Equipment Required
319-100702; Rev 0; 3/21
More results


Similar Description - MAX98396

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98372 MAXIM-MAX98372 Datasheet
2Mb / 91P
Digital Input Class D Amplifier with DHT and Brownout Protection
Rev 1; 1/16
logo
Texas Instruments
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
Maxim Integrated Produc...
MAX98372 MAXIM-MAX98372_V01 Datasheet
3Mb / 100P
Digital Input Class D Amplifier with DHT and Brownout Protection
19-7734; Rev 4; 3/20
logo
Texas Instruments
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
logo
Analog Devices
MAX98388 AD-MAX98388 Datasheet
3Mb / 88P
Digital Input Class-D Amplifier with IV Feedback and Brownout Protection
Rev 0; 3/23
MAX98397 AD-MAX98397 Datasheet
4Mb / 170P
28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention
19-101757; Rev 0; 10/23
logo
Texas Instruments
TAS2572 TI1-TAS2572 Datasheet
335Kb / 6P
TAS2572 6.6 W Digital Input smart amp with I/V sense and integrated 13 V Class-H Boost
NOVEMBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com