Electronic Components Datasheet Search
  English  ▼

X  

MAX98374 Datasheet (PDF) - Analog Devices

MAX98374 Datasheet PDF - Analog Devices
Part # MAX98374
Download  MAX98374 Download
File Size   3812.17 Kbytes
Page   129 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Input Class D Speaker Amplifier with DHT

MAX98374 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98374 Datasheet PDF - Analog Devices

Part # MAX98374
Download  MAX98374 Click to download

File Size   3812.17 Kbytes
Page   129 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Input Class D Speaker Amplifier with DHT

MAX98374 Datasheet (HTML) - Analog Devices


MAX98374 Product details

Features
●● Wide Input Supply Range (5.5V to 16V)
●● Dynamic Headroom Tracking (DHT) Maintains a
Consistent Listening Experience
●● Integrated Thermal Protection and Output Foldback
●● Remote Output Sensing Allows up to 20dB THD+N
Improvement with Ferrite Bead Filters
●● Class D EMI Reduction Enables Filterless Operation
• Active Emissions Limiting (AEL)
• Spread-Spectrum Modulation (SSM)
• Switching Edge Rate Control
●● 110dB A-Weighted Dynamic Range
●● 0.006% THD+N at 3W into 8Ω, f = 1kHz
●● 0.025% THD+N at 3W into 8Ω, f = 6kHz
●● Output Power at 1% THD+N:
• 13.5W into 8Ω, VPVDD = 16V
• 12.5W into 4Ω, VPVDD = 12V
●● Output Power at 10% THD+N:
• 16.9W into 8Ω, VPVDD = 16V
• 15.3W into 4Ω, VPVDD = 12V
●● Speaker Amplifier Efficiency:
• 90.5% at 10W into 8Ω, VPVDD = 12V
• 81% at 15.3W into 4Ω, VPVDD = 12V
●● BDE Provides Supply Brownout Protection
●● Extensive Click-and-Pop Suppression
●● Space Saving Packages
• 25-Bump WLP (2.17mm x 2.25mm x 0.64mm,
0.4mm Pitch)
• 22-Pin FCQFN (3mm x 3mm x 0.55mm,
0.4mm Pitch)




Similar Part No. - MAX98374

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
MAX98374 MAXIM-MAX98374 Datasheet
2Mb / 22P
5.5V to 16V Single-Supply Operation (EV System)
319-100205; Rev 0; 5/18
MAX98374EVSYS MAXIM-MAX98374EVSYS Datasheet
2Mb / 22P
5.5V to 16V Single-Supply Operation (EV System)
319-100205; Rev 0; 5/18
MAX98374EVSYS# MAXIM-MAX98374EVSYS# Datasheet
2Mb / 22P
5.5V to 16V Single-Supply Operation (EV System)
319-100205; Rev 0; 5/18
MAX98374FEVSYS# MAXIM-MAX98374FEVSYS# Datasheet
2Mb / 22P
5.5V to 16V Single-Supply Operation (EV System)
319-100205; Rev 0; 5/18
More results


Similar Description - MAX98374

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5446EFV_101 ROHM-BD5446EFV_101 Datasheet
805Kb / 31P
Class-D Speaker Amplifier for Digital Input
BM5446EFV ROHM-BM5446EFV_10 Datasheet
882Kb / 33P
Class-D Speaker Amplifier for Digital Input with Built-in DSP
BD5446EFV ROHM-BD5446EFV_11 Datasheet
804Kb / 32P
Class-D Speaker Amplifier for Digital Input
BD5451EFV_1106 ROHM-BD5451EFV_1106 Datasheet
694Kb / 35P
Class-D Speaker Amplifier for Digital Input
logo
Maxim Integrated Produc...
MAX98372 MAXIM-MAX98372 Datasheet
2Mb / 91P
Digital Input Class D Amplifier with DHT and Brownout Protection
Rev 1; 1/16
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
Digital Input Class D Speaker Amplifier
Rev 0; 3/15
logo
Rohm
BD5452AMUV ROHM-BD5452AMUV Datasheet
1Mb / 55P
Class D Speaker Amplifier for Digital Input
BD28623MUV ROHM-BD28623MUV Datasheet
2Mb / 53P
Class D Speaker Amplifier for Digital Input
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
MAX98372 MAXIM-MAX98372_V01 Datasheet
3Mb / 100P
Digital Input Class D Amplifier with DHT and Brownout Protection
19-7734; Rev 4; 3/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com