Electronic Components Datasheet Search
  English  ▼

X  

DLP481RE Datasheet (PDF) - Texas Instruments

DLP481RE Datasheet PDF - Texas Instruments
Part # DLP481RE
Download  DLP481RE Download
File Size   1515.88 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP481RE 0.48-Inch WUXGA Digital Micromirror Device

DLP481RE Datasheet (PDF)

Go To PDF Page Download Datasheet
DLP481RE Datasheet PDF - Texas Instruments

Part # DLP481RE
Download  DLP481RE Click to download

File Size   1515.88 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP481RE 0.48-Inch WUXGA Digital Micromirror Device

DLP481RE Datasheet (HTML) - Texas Instruments


DLP481RE Product details

1 Features
• 0.48-Inch diagonal micromirror array
– WUXGA (1920x1200) display resolution
– 5.4μm micromirror pitch
– ±14.5° micromirror tilt (relative to flat surface)
– Corner illumination
• SubLVDS input data bus
• Supports WUXGA up to 240Hz
• RGB laser, LED and Laser Phosphor operation
supported by DLPC8454 display controller

2 Applications
• Smart projector
• Enterprise projector
• Laser TV
• Gaming projectors
• Home theaters
• Golf simulators

3 Description
The DLP481RE digital micromirror device (DMD) is
a digitally controlled micro-electromechanical system
(MEMS) spatial light modulator (SLM) that enables
bright WUXGA display systems. The TI DLP®
Products 0.48-Inch WUXGA chipset is composed
of the DMD and DLPC8454 display controller, the
DLPA3082 PMIC, and the DLPA100 color wheel
driver. The compact physical size of the chipset
provides a complete system design that enables small
form factor WUXGA displays.
The DMD ecosystem includes established resources
to help the user accelerate the design cycle, visit
the DLP® Products third-party search tools to find
approved optical module manufacturers and thirdparty
providers.
Visit the Getting Started with TI DLP display
technology page to learn more about how to start
designing with the DMD.




Similar Part No. - DLP481RE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP481XE TI2-DLP481XE Datasheet
1Mb / 48P
DLP481XE 0.48-Inch 4K Digital Micromirror Device
DECEMBER 2025
DLP481XE0FXM TI2-DLP481XE0FXM Datasheet
1Mb / 48P
DLP481XE 0.48-Inch 4K Digital Micromirror Device
DECEMBER 2025
More results


Similar Description - DLP481RE

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-4831AX-00 FORYARD-FYT-4831AX-00 Datasheet
465Kb / 5P
0.48 Inch (12.40mm) digit height Three Digits Display
logo
Texas Instruments
DLPC910 TI1-DLPC910 Datasheet
2Mb / 50P
Digital Controller for the DLP9000XFLS Digital Micromirror Device
DLP480RE TI1-DLP480RE Datasheet
468Kb / 41P
0.48 WUXGA DMD
DLP480RE TI1-DLP480RE_19 Datasheet
764Kb / 47P
0.48 WUXGA DMD
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP4620S-Q1 TI-DLP4620S-Q1 Datasheet
1Mb / 36P
DLP4620S-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Interior Display
DECEMBER 2022
DLP4621-Q1 TI-DLP4621-Q1 Datasheet
1Mb / 37P
DLP4621-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Exterior Lighting
DECEMBER 2022
DLP550HE TI-DLP550HE Datasheet
1Mb / 44P
DLP550HE 0.55 SVGA Digital Micromirror Device
APRIL 2023
DLP230NP TI-DLP230NP_V01 Datasheet
2Mb / 43P
DLP230NP and DLP230NPSE .23 1080P Digital Micromirror Devices
REVISED APRIL 2023
DLP651LE TI-DLP651LE Datasheet
1Mb / 41P
DLP651LE 0.65 WXGA Digital Micromirror Device
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com