Electronic Components Datasheet Search
  English  ▼

X  

MAX40056T Datasheet (PDF) - Analog Devices

MAX40056T Datasheet PDF - Analog Devices
Part # MAX40056T
Download  MAX40056T Download
File Size   1174.13 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional Current Sense Amplifier with PWM-Rejection

MAX40056T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40056T Datasheet PDF - Analog Devices

Part # MAX40056T
Download  MAX40056T Click to download

File Size   1174.13 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional Current Sense Amplifier with PWM-Rejection

MAX40056T Datasheet (HTML) - Analog Devices


MAX40056T Product details

Features
● AEC-Q100
● Fast, 500ns PWM Edge Recovery from 500V/μs PWM
Edges
● 60dB AC CMRR Rejection at 50V, ±500V/μs PWM
Edges
● 140dB DC CMRR Rejection
● -0.1V to +65V Input Voltage Range
● -5V to +70V Protective Immunity
● 300kHz, -3dB Bandwidth
● Multiple Gain Options; 10V/V, 20V/V, 50V/V
● Internal, 1% Reference for Bidirectional Offset
● 5μV (Typ) Input Offset Voltage
● Rail-to-Rail Output
● 2.02mm x 1.4mm, 8-bump WLP and 8-pin μMAX
● -40°C to +125°C Temperature Range




Similar Part No. - MAX40056T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40056T MAXIM-MAX40056T Datasheet
659Kb / 7P
Precision Real-Time Current-Monitoring with Fault Detection
319-100264; Rev 1; 12/18
logo
Analog Devices
MAX40056T AD-MAX40056T Datasheet
1Mb / 18P
Bidirectional Current Sense Amplifier with PWM-Rejection
Rev 8 2/21
logo
Maxim Integrated Produc...
MAX40056TAUA+ MAXIM-MAX40056TAUA+ Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Analog Devices
MAX40056TAUA+ AD-MAX40056TAUA+ Datasheet
1Mb / 18P
Bidirectional Current Sense Amplifier with PWM-Rejection
Rev 8 2/21
logo
Maxim Integrated Produc...
MAX40056TAUA/V+ MAXIM-MAX40056TAUA/V+ Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
More results


Similar Description - MAX40056T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-Q1 TI1-INA240-Q1_17 Datasheet
1Mb / 34P
Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Texas Instruments
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A-Q1 TI-INA241A-Q1_V02 Datasheet
2Mb / 38P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com