Electronic Components Datasheet Search
  English  ▼

X  

MAX35103 Datasheet (PDF) - Analog Devices

MAX35103 Datasheet PDF - Analog Devices
Part # MAX35103
Download  MAX35103 Download
File Size   1499.14 Kbytes
Page   67 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reduced Power Time-to-Digital Converter with AFE, RTC, and Flash

MAX35103 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX35103 Datasheet PDF - Analog Devices

Part # MAX35103
Download  MAX35103 Click to download

File Size   1499.14 Kbytes
Page   67 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reduced Power Time-to-Digital Converter with AFE, RTC, and Flash

MAX35103 Datasheet (HTML) - Analog Devices


MAX35103 Product details

Features
●● High Accuracy Flow Measurement for Billing and
Leak Detection
• Time-to-Digital Accuracy Down to 20ps
• Measurement Range Up to 8ms
• Two Channels: Single-Stop Channel
●● High Accuracy Temperature Measurement for Precise
Heat and Flow Calculations
• Up to Four 2-Wire Sensors
• PT1000 and PT500 RTD Support
●● Maximizes Battery Life with Low Device and Overall
System Power
• Ultra-Low 5μA ToF Measurement and < 125nA
Duty-Cycled Temperature Measurement
• Event Timing Mode Reduces Host Microcontroller
Overhead to Minimize System Power Consumption
• 2.3V to 3.6V Single-Supply Operation
●● High-Integration Solution Minimizes Parts Count and
Reduces BOM Cost
• 8KB of Nonvolatile Flash Memory for Data Logging
• Built-in Real Time Clock
• Small, 5mm x 5mm, 32-Pin TQFP Package
• -40°C to +85°C Operation




Similar Part No. - MAX35103

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX35103 MAXIM-MAX35103 Datasheet
1Mb / 67P
Reduced Power Time-to-Digital Converter with AFE, RTC, and Flash
Rev 1; 1/15
MAX35103 MAXIM-MAX35103 Datasheet
3Mb / 22P
Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX35103EVKIT# MAXIM-MAX35103EVKIT# Datasheet
3Mb / 22P
Easy Evaluation of the MAX35103
Rev 0; 3/15
More results


Similar Description - MAX35103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Roithner LaserTechnik G...
TTM8000 ROITHNER-TTM8000 Datasheet
363Kb / 2P
8 Channel Time to Digital Converter
logo
Texas Instruments
TDC7200 TI1-TDC7200_16 Datasheet
1Mb / 50P
Time-to-Digital Converter
logo
Keysight Technologies
U1050A KEYSIGHT-U1050A Datasheet
1Mb / 6P
Acqiris Time-to-Digital Converter
U1051A KEYSIGHT-U1051A Datasheet
726Kb / 6P
Acqiris TC890 Time-to-Digital Converter
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
4-Channel Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35103 MAXIM-MAX35103 Datasheet
1Mb / 67P
Reduced Power Time-to-Digital Converter with AFE, RTC, and Flash
Rev 1; 1/15
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
MAX35102 MAXIM-MAX35102 Datasheet
999Kb / 37P
Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com