Electronic Components Datasheet Search
  English  ▼

X  

MAX35102 Datasheet (PDF) - Analog Devices

MAX35102 Datasheet PDF - Analog Devices
Part # MAX35102
Download  MAX35102 Download
File Size   999.11 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Time-to-Digital Converter Without RTC

MAX35102 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX35102 Datasheet PDF - Analog Devices

Part # MAX35102
Download  MAX35102 Click to download

File Size   999.11 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Time-to-Digital Converter Without RTC

MAX35102 Datasheet (HTML) - Analog Devices


MAX35102 Product details

Features
●● High-Accuracy Flow Measurement for Billing and
Leak Detection
• Time-to-Digital Accuracy Down to 20ps
• Measurement Range Up to 8ms
• 2 Channels—Single-Stop Channel
●● High-Accuracy Temperature Measurement for
Precise Heat and Flow Calculations
• Up to Four 2-Wire Sensors
• PT1000 and PT500 RTD Support
• 40mK Accuracy
●● Maximizes Battery Life with Low Device and Overall
System Power
• Ultra-Low 5.5μA ToF measurement and < 125nA
Duty-Cycled Temperature Measurement
• 2.3V to 3.6V Single-Supply Operation
●● High-Integration Solution Minimizes Parts Count and
Reduces BOM Cost
• Small, 4mm x 4mm, 32-Pin TQFN Package
• -40°C to +85°C Operation




Similar Part No. - MAX35102

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX35102 MAXIM-MAX35102 Datasheet
999Kb / 37P
Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
MAX35102ETJ+ MAXIM-MAX35102ETJ+ Datasheet
999Kb / 37P
Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
MAX35102ETJ+T MAXIM-MAX35102ETJ+T Datasheet
999Kb / 37P
Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
More results


Similar Description - MAX35102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
logo
Roithner LaserTechnik G...
TTM8000 ROITHNER-TTM8000 Datasheet
363Kb / 2P
8 Channel Time to Digital Converter
logo
Texas Instruments
TDC7200 TI1-TDC7200_16 Datasheet
1Mb / 50P
Time-to-Digital Converter
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
logo
Keysight Technologies
U1050A KEYSIGHT-U1050A Datasheet
1Mb / 6P
Acqiris Time-to-Digital Converter
U1051A KEYSIGHT-U1051A Datasheet
726Kb / 6P
Acqiris TC890 Time-to-Digital Converter
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
4-Channel Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35103 MAXIM-MAX35103 Datasheet
1Mb / 67P
Reduced Power Time-to-Digital Converter with AFE, RTC, and Flash
Rev 1; 1/15
MAX35102 MAXIM-MAX35102 Datasheet
999Kb / 37P
Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
logo
Sciosense B.V.
AS6500 SCIOSENSE-AS6500 Datasheet
344Kb / 3P
AS6500 – 4-channel Time-to-Digital Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com