Electronic Components Datasheet Search
  English  ▼

X  

MPM3804GG-33 Datasheet (PDF) - Monolithic Power Systems

MPM3804GG-33 Datasheet PDF - Monolithic Power Systems
Part # MPM3804GG-33
Download  MPM3804GG-33 Download
File Size   842.23 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.5V, 0.6A, Input Step-Down Module, Synchronous Regulator with Integrated Inductor Synchronous Regulator with Integrated Inductor

MPM3804GG-33 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3804GG-33 Datasheet PDF - Monolithic Power Systems

Part # MPM3804GG-33
Download  MPM3804GG-33 Click to download

File Size   842.23 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.5V, 0.6A, Input Step-Down Module, Synchronous Regulator with Integrated Inductor Synchronous Regulator with Integrated Inductor

MPM3804GG-33 Datasheet (HTML) - Monolithic Power Systems


MPM3804GG-33 Product details

DESCRIPTION
The MPM3804 is a DC/DC module that includes a monolithic, step-down, switch-mode converter with built-in, internal power MOSFETs and an inductor. The MPM3804 achieves 0.6A of continuous output current from a 2.3V to 5.5V input voltage range with excellent load and line regulation. The output voltage can be regulated as low as 0.6V. Only input capacitors, output capacitors, and feedback (FB) resistors are required to complete the design.
The constant-on-time (COT) control scheme provides a fast transient response, high light-load efficiency, and easy loop stabilization.
Full protection features include cycle-by-cycle current limiting and thermal shutdown.
The MPM3804 is ideal for a wide range of applications, including high-performance DSPs, wireless power, portable and mobile devices, and other low-power systems.
The MPM3804 requires a minimal number of readily available, standard, external components and is available in an ultra-small QFN-10 (2mmx2mm) package.

FEATURES
 Up to 91% Peak Efficiency
 Low IQ: 11μA
 Wide 2.3V to 5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 100% Duty Cycle in Dropout
 0.6A Output Current
 120mΩ and 80mΩ Internal Power MOSFETs
 2.4MHz Frequency
 EN and Power Good for Power Sequencing
 Cycle-by-Cycle Over-Current Protection (OCP)
 0.5ms Internal Soft-Start Time
 Output Discharge
 Short-Circuit Protection (SCP) with Hiccup Mode
 Thermal Shutdown
 Stable with Low ESR Output Ceramic Capacitors
 Ultra-Small 2mm x 2mm x 0.9mm QFN-10 Package

APPLICATIONS
 Optical Modules
 Industrial Products
 IOT Devices
 Space Constrained Applications
 Low-Voltage I/O Supplies
 LDO Replacement




Similar Part No. - MPM3804GG-33

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3804GG-33 MPS-MPM3804GG-33 Datasheet
1Mb / 16P
0.6A, 5.5V Input Step-Down Module Synchronous Regulator with Integrated Inductor in Ultra-Small 2x2x0.9mm QFN Package
More results


Similar Description - MPM3804GG-33

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3606 MPS-MPM3606 Datasheet
764Kb / 18P
21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3606A MPS-MPM3606A Datasheet
1Mb / 23P
21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610 MPS-MPM3610 Datasheet
846Kb / 23P
21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3630 MPS-MPM3630 Datasheet
1Mb / 20P
18V/3A DC/DC Module Synchronous Step-Down Regulator with Integrated Inductor
MPM3804 MPS-MPM3804 Datasheet
1Mb / 16P
0.6A, 5.5V Input Step-Down Module Synchronous Regulator with Integrated Inductor in Ultra-Small 2x2x0.9mm QFN Package
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3840 MPS-MPM3840 Datasheet
908Kb / 18P
2.8V-5.5V, 4A, Power Module, Synchronous Step-Down Converter with Integrated Inductor
MPM3805A MPS-MPM3805A Datasheet
1Mb / 20P
6V Input, 0.6A Module, Synchronous, Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com