Electronic Components Datasheet Search
  English  ▼

X  

MAX20317 Datasheet (PDF) - Analog Devices

MAX20317 Datasheet PDF - Analog Devices
Part # MAX20317
Download  MAX20317 Download
File Size   962.07 Kbytes
Page   47 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Universal 3.5mmØ Accessory Management IC

MAX20317 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20317 Datasheet PDF - Analog Devices

Part # MAX20317
Download  MAX20317 Click to download

File Size   962.07 Kbytes
Page   47 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Universal 3.5mmØ Accessory Management IC

MAX20317 Datasheet (HTML) - Analog Devices


MAX20317 Product details

Features
●●Allows Wide Range of Applications by Supporting Universal 3.5mm Jack Types
•Auto-Configuration for CTIA and OMTP Headsets
•Supports MEMS Microphone
•50mΩ Ground Switch
●●Enables Long Utilization of Accessories by Supplying Power Through 3.5mm Jack
•Powered Accessory/Headset Detection
•Bypass Switch to Power Accessories such as
ANC Headsets
•Programmable Button Detection in Powered
Accessory Mode
●●Empowers New Path in Data Communication to Accessories
•Power Line Communication by 3.5mm Jack
•Bidirectional Digital Data Communication in Power Mode
•Allow Emergence of New Accessory Types
●●Provides Comfortable Sounds by Introducing Automatic Volume Adjustment
•Adaptive Volume Control Based on Precision Headset Impedance
•False Insertion Detection
●●Saves Board Space with Small Form Factor
•1.65mm x 2.05mm 4 x 5 Array 20 Bump 0.4mm Pitch WLP




Similar Part No. - MAX20317

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20317 MAXIM-MAX20317 Datasheet
983Kb / 47P
Universal 3.5mmØ Accessory Management IC
Rev 0; 5/17
MAX20317EVKIT MAXIM-MAX20317EVKIT Datasheet
637Kb / 7P
3V to 5.5V Operating Voltage Range Audio Jack for Accessory Plug In
Rev 0; 3/17
More results


Similar Description - MAX20317

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000 Datasheet
416Kb / 68P
SFP Management IC
MIC502 MICREL-MIC502_06 Datasheet
240Kb / 15P
Fan Management IC
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
logo
Tripp Lite. All Rights ...
MR1208TRAY TRIPPLITE-MR1208TRAY Datasheet
496Kb / 2P
Universal Monitor Riser with Accessory Tray
logo
Texas Instruments
TS2A116E TI1-TS2A116E Datasheet
135Kb / 5P
Audio Accessory Communicator and Authentication IC
logo
Maxim Integrated Produc...
MAX20317 MAXIM-MAX20317 Datasheet
983Kb / 47P
Universal 3.5mmØ Accessory Management IC
Rev 0; 5/17
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
logo
Tripp Lite. All Rights ...
WEBCARDLX TRIPPLITE-WEBCARDLX Datasheet
171Kb / 3P
Web Management Accessory Card
logo
Teledyne Technologies I...
TA72 TELEDYNE-TA72 Datasheet
1Mb / 2P
Universal Flex Current Probe Accessory
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com