Electronic Components Datasheet Search
  English  ▼

X  

MAU304 Datasheet (PDF) - Minmax Technology Co., Ltd.

MAU304 Datasheet PDF - Minmax Technology Co., Ltd.
Part # MAU304
Download  MAU304 Download
File Size   510.22 Kbytes
Page   4 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description DC/DC CONVERTER 2W

MAU304 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAU304 Datasheet PDF - Minmax Technology Co., Ltd.

Part # MAU304
Download  MAU304 Click to download

File Size   510.22 Kbytes
Page   4 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description DC/DC CONVERTER 2W

MAU304 Datasheet (HTML) - Minmax Technology Co., Ltd.


MAU304 Product details

FEATURES
►SIP Package with Industry Standard Pinout
►Package Dimension:
19.5 x 10.2 x 7.6 mm (0.77”x 0.4”x 0.3”)
►Single and Dual Output Models
►I/O-Isolation 1000 VDC
►Operating Temp. Range -40°C to +85°C
►3 Years Product Warranty




Similar Part No. - MAU304

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU304 TOTAL-POWER-MAU304 Datasheet
281Kb / 4P
MAU300 Series 2 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU304 MINMAX-MAU304 Datasheet
217Kb / 6P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU304 MINMAX-MAU304 Datasheet
511Kb / 4P
DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU304 MINMAX-MAU304 Datasheet
665Kb / 4P
DC/DC CONVERTER 2W, SIP-Package
logo
Total Power Internation...
MAU304 TOTAL-POWER-MAU304 Datasheet
472Kb / 4P
SIP Package with Industry Standard Pinout
More results


Similar Description - MAU304

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
DC - DC CONVERTER 2W
logo
Power Systems GmbH+Co.K...
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559_08 Datasheet
107Kb / 2P
DC - DC CONVERTER 2W
logo
Minmax Technology Co., ...
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
DC/DC CONVERTER 2W, SMD-Package
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
DC/DC CONVERTER 2W, SMD-Package
logo
Bothhand USA, LP.
B3-LF-SERIES BOTHHAND-B3-LF-SERIES Datasheet
755Kb / 2P
2W Isolated DC/DC Converter
B9-LF-SERIES BOTHHAND-B9-LF-SERIES Datasheet
128Kb / 1P
2W Isolated DC/DC Converter
BB-LF-SERIES BOTHHAND-BB-LF-SERIES Datasheet
143Kb / 2P
1~2W Isolated DC/DC Converter
B3LF BOTHHAND-B3LF Datasheet
755Kb / 2P
2W Isolated DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com