Electronic Components Datasheet Search
  English  ▼

X  

MIC2975X Datasheet (PDF) - Microchip Technology

MIC2975X Datasheet PDF - Microchip Technology
Part # MIC2975X
Download  MIC2975X Download
File Size   1663.25 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Current Low Dropout Regulators

MIC2975X Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2975X Datasheet PDF - Microchip Technology

Part # MIC2975X
Download  MIC2975X Click to download

File Size   1663.25 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Current Low Dropout Regulators

MIC2975X Datasheet (HTML) - Microchip Technology


MIC2975X Product details

Features
• High Current Capability:
- MIC29150/29151/29152/29153: 1.5A
- MIC29300/29301/29302/29303: 3A
- MIC29500/29501/29502/29503: 5A
- MIC29751/29752: 7.5A
• Low Dropout Voltage
• Low Ground Current
• Accurate 1% Guaranteed Tolerance
• Extremely Fast Transient Response
• Reverse-Battery and “Load Dump” Protection
• Zero-Current Shutdown Mode (5-Pin Versions)
• Error Flag Signals Output Out-of-Regulation
(5-Pin Versions)
• Also Characterized for Smaller Loads with
Industry-Leading Performance Specifications
• Fixed-Voltage and Adjustable Versions

Applications
• Battery-Powered Equipment
• High-Efficiency Green Computer Systems
• Automotive Electronics
• High-Efficiency Linear Power Supplies
• High-Efficiency Post-Regulator for Switching
Supply

General Description
The MIC2915x/2930x/2950x/2975x are high current,
high accuracy, low dropout voltage regulators. Using
Microchip’s proprietary Super βeta PNP process with a
PNP pass element, these regulators feature 350 mV to
425 mV (full load) typical dropout voltages and very low
ground current. Designed for high current loads, these
devices also find applications in lower current,
extremely low dropout-critical systems, where their tiny
dropout voltage and ground current values are
important attributes.
The MIC2915x/2930x/2950x/2975x are fully protected
against overcurrent faults, reversed input polarity,
reversed lead insertion, overtemperature operation,
and positive and negative transient voltage spikes. Five
pin fixed-voltage versions feature logic level ON/OFF
control and an error flag that signals whenever the
output falls out of regulation. Flagged states include
low input voltage (dropout), output current limit,
overtemperature shutdown, and extremely high voltage
spikes on the input.
On the MIC29xx1 and MIC29xx2, the ENABLE pin may
be tied to VIN if it is not required for ON/OFF control.
The MIC2915x/2930x/2950x are available in 3-pin and
5-pin TO-220 and surface mount TO-263 (D2Pak)
packages. The MIC2975x 7.5A regulators are available
in a 5-pin TO-247 package. The 1.5A, adjustable output
MIC29152 is available in a 5-pin power D-Pak
(TO-252) package.
For applications with input voltage 6V or below, see
MIC37xxx LDOs.




Similar Part No. - MIC2975X

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29750 MICREL-MIC29750 Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29750-3.3BWT MICREL-MIC29750-3.3BWT Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
MIC29750-3.3BWT MICREL-MIC29750-3.3BWT Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29750-5.0BWT MICREL-MIC29750-5.0BWT Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
MIC29750-5.0BWT MICREL-MIC29750-5.0BWT Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
More results


Similar Description - MIC2975X

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
High-Current Low-Dropout Regulators
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com