Electronic Components Datasheet Search
  English  ▼

X  

WT34-B410 Datasheet (PDF) - SICK AG

WT34-B410 Datasheet PDF - SICK AG
Part # WT34-B410
Download  WT34-B410 Download
File Size   418.38 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description COMPACT PHOTOELECTRIC SENSORS

WT34-B410 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT34-B410 Datasheet PDF - SICK AG

Part # WT34-B410
Download  WT34-B410 Click to download

File Size   418.38 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description COMPACT PHOTOELECTRIC SENSORS

WT34-B410 Datasheet (HTML) - SICK AG


WT34-B410 Product details

Features
Functional principle Photoelectric proximity sensor
Functional principle detail Background suppression
Dimensions (W x H x D) 27 mm x 92 mm x 70 mm
Housing design (light emission) Rectangular
Sensing range max. 100 mm ... 2,500 mm
Sensing range 100 mm ... 2,500 mm
Type of light Infrared light
Light source LED
Light spot size (distance) Ø 80 mm (2,500 mm)
Adjustment Potentiometer




Similar Part No. - WT34-B410

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT3401 WEITRON-WT3401 Datasheet
170Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT3402 WEITRON-WT3402 Datasheet
173Kb / 6P
Surface Mount N-Channel Enhancement Mode MOSFET
More results


Similar Description - WT34-B410

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL2000-R5300 SICK-WL2000-R5300 Datasheet
507Kb / 6P
COMPACT PHOTOELECTRIC SENSORS
2019-01-28 13:26:15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com