Electronic Components Datasheet Search
  English  ▼

X  

FMAT8000 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAT8000 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAT8000
Download  FMAT8000 Download
File Size   601.66 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 0 to 63 dB 6 Bit Programmable Relay Controlled Step Attenuator With a 1 dB Step SMA Female Rated To 0.5 Watts Up To 1,000 MHz

FMAT8000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAT8000 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAT8000
Download  FMAT8000 Click to download

File Size   601.66 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 0 to 63 dB 6 Bit Programmable Relay Controlled Step Attenuator With a 1 dB Step SMA Female Rated To 0.5 Watts Up To 1,000 MHz

FMAT8000 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAT8000 Product details

Features:
• 6 Bit Relay Programmable
Attenutor
• DC to 1000 MHz Bandwidth
• 0-63 dB attenuation
• 1 dB Step Size
• 50 Ohms
• Swithing Speed: 6 milliseconds
• Insertion Loss: 1.5 dB max
• Attenuation Accuracy: +/- 0.2 dB
• Max Pin 0.5 watts average,
100 watts peak
• DC Supply: +12 Vdc
@ 15 mA per relay
• SMA female connectors




Similar Part No. - FMAT8000

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAT8001 FAIRVIEW-FMAT8001 Datasheet
612Kb / 5P
0 to 31.5 dB 6 Bit Programmable Relay Controlled Step Attenuator With a 0.5 dB Step SMA Female Rated To 1 Watt Up To 1,000 MHz
REV 1.0
FMAT8005 FAIRVIEW-FMAT8005 Datasheet
690Kb / 5P
0 to 127 dB 7 Bit Programmable Relay Controlled Step Attenuator With a 1 dB Step SMA Female Rated To 1 Watt Up To 1.5 GHz
REV 1.1
FMAT8006 FAIRVIEW-FMAT8006 Datasheet
808Kb / 5P
0 to 95 dB Programmable TTL Controlled Step Attenuator with a 1 dB Step SMA Female to SMA Female from 200 MHz to 8 GHz
REV 1.0 A
FMAT8007 FAIRVIEW-FMAT8007 Datasheet
661Kb / 4P
0 to 63 dB Programmable TTL Controlled Step Attenuator with a 1 dB Step SMA Female to SMA Female from 100 MHz to 18 GHz
REV 1.0 A
FMAT8008 FAIRVIEW-FMAT8008 Datasheet
733Kb / 6P
0 to 31 dB Programmable TTL Controlled Step Attenuator with a 1 dB Step SMA Female to SMA Female from 100 MHz to 40 GHz
REV 1.0 A
More results


Similar Description - FMAT8000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7008-2 PASTERNACK-PE7008-2 Datasheet
232Kb / 3P
0 to 45.5 dB Push Button Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 1 Watt Up To 750 MHz
PE7011-6A PASTERNACK-PE7011-6A Datasheet
251Kb / 3P
63 dB Programmable Attenuator, SMA Female To SMA Female With 1,2,4,8,16,32 dB Steps Rated To 0.5 Watts Up To 1 GHz
PE7036-2 PASTERNACK-PE7036-2 Datasheet
262Kb / 3P
0 to 82.5 dB Toggle Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 1 Watt Up To 1 GHz
PE7037-1 PASTERNACK-PE7037-1 Datasheet
223Kb / 3P
0 to 42 dB Toggle Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 10 Watts Up To 500 MHz
PE7037-2 PASTERNACK-PE7037-2 Datasheet
223Kb / 3P
0 to 82.5 dB Toggle Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 10 Watts Up To 500 MHz
PE7008-1 PASTERNACK-PE7008-1 Datasheet
231Kb / 3P
0 to 45.5 dB Push Button Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 1 Watt Up To 750 MHz
PE7008-6 PASTERNACK-PE7008-6 Datasheet
229Kb / 3P
0 to 82.5 dB Push Button Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 1 Watt Up To 750 MHz
PE7036-1 PASTERNACK-PE7036-1 Datasheet
262Kb / 3P
0 to 42 dB Toggle Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 1 Watt Up To 1 GHz
PE7397 PASTERNACK-PE7397 Datasheet
629Kb / 3P
0 to 30 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7398 PASTERNACK-PE7398 Datasheet
684Kb / 3P
0 to 50 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com