Electronic Components Datasheet Search
  English  ▼

X  

BU1006A Datasheet (PDF) - Vishay Siliconix

BU1006A Datasheet PDF - Vishay Siliconix
Part # BU1006A
Download  BU1006A Download
File Size   121.21 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced Power Bridge Rectifiers

BU1006A Datasheet (PDF)

Go To PDF Page Download Datasheet
BU1006A Datasheet PDF - Vishay Siliconix

Part # BU1006A
Download  BU1006A Click to download

File Size   121.21 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced Power Bridge Rectifiers

BU1006A Datasheet (HTML) - Vishay Siliconix


BU1006A Product details

FEATURES
• UL recognition file number E309391 (QQQX2) UL 1557 (see *)
• Thin single in-line package
• Available for BU-5S lead forming option (part number with “5S” suffix, e.g. BU1006A5S)
• Superior thermal conductivity
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition

TYPICAL APPLICATIONS
    General purpose use in AC/DC bridge full wave rectification for switching power supply, home appliances and white-goods applications.




Similar Part No. - BU1006A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU1006A VISHAY-BU1006A Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU1006A VISHAY-BU1006A Datasheet
150Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
01-Mar-2021
BU1006A-E3 VISHAY-BU1006A-E3 Datasheet
103Kb / 5P
Bridge Rectifiers
16-Aug-13
BU1006A-M3 VISHAY-BU1006A-M3 Datasheet
106Kb / 6P
Bridge Rectifiers
27-Jun-13
BU1006A VISHAY-BU1006A_11 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
More results


Similar Description - BU1006A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PB5010-E3 VISHAY-PB5010-E3 Datasheet
98Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
26-Jun-13
PB5006-E3 VISHAY-PB5006-E3 Datasheet
98Kb / 5P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB3006 VISHAY-PB3006_13 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB3506 VISHAY-PB3506_13 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB4006 VISHAY-PB4006_13 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB5006 VISHAY-PB5006_13 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
BU25H06 VISHAY-BU25H06 Datasheet
138Kb / 5P
Enhanced isoCink™ Bridge Rectifiers
25-Mar-2021
BU1006 VISHAY-BU1006_V01 Datasheet
150Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
01-Mar-2021
BU1506 VISHAY-BU1506_V01 Datasheet
153Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
01-Mar-2021
BU25H06 VISHAY-BU25H06_V01 Datasheet
139Kb / 5P
Enhanced isoCink™ Bridge Rectifiers
25-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com