Electronic Components Datasheet Search
  English  ▼

X  

MP-625 Datasheet (PDF) - Multicomp Pro

MP-625 Datasheet PDF - Multicomp Pro
Part # MP-625
Download  MP-625 Download
File Size   220.01 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Hardened Industrial 5 Port PoE Ethernet Switch

MP-625 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP-625 Datasheet PDF - Multicomp Pro

Part # MP-625
Download  MP-625 Click to download

File Size   220.01 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Hardened Industrial 5 Port PoE Ethernet Switch

MP-625 Datasheet (HTML) - Multicomp Pro


MP-625 Product details

Features
• 5 port PoE+ 10/100 Fast Ethernet device
• Ports 1-4 PoE+ capable
• Fully compliant to IEEE 802.3af/at
• PoE Power Budget: 90W @ 70ºC
• Industrial temp range: -40ºC to +70ºC
• Redundant dual power inputs: +44V to +57V DC
• Compact design with integral DIN mount
• Allows power and data to be combined on the same Ethernet cable

Description
Hardened Industrial Ethernet Switch, 5 Port, 10/100Mbps, DIN Rail Mount




Similar Part No. - MP-625

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP-605 MULTICOMP-MP-605 Datasheet
200Kb / 1P
5 Ports Industrial Hardened Ethernet Switch
09/12/19 V1.1
logo
Tyco Electronics
MP-610419-2.5-8A MACOM-MP-610419-2.5-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
logo
CUI INC
MP-6320 CUI-MP-6320 Datasheet
272Kb / 3P
AUDIO PLUG
logo
CUI Devices
MP-6320 CUID-MP-6320 Datasheet
283Kb / 3P
AUDIO PLUG
10/11/2019
logo
CUI INC
MP-6320A CUI-MP-6320A Datasheet
270Kb / 3P
AUDIO PLUG
More results


Similar Description - MP-625

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2526PI ADVANTECH-EKI-2526PI Datasheet
560Kb / 1P
5-port Industrial PoE Switch
EKI-2525P-BE ADVANTECH-EKI-2525P-BE Datasheet
335Kb / 2P
5-port Industrial PoE Switch
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
logo
ORing Industrial Networ...
TPS-141TX-M12 ORING-TPS-141TX-M12 Datasheet
3Mb / 4P
5-port unmanaged PoE Ethernet switch
TXPS-141XT-M12 ORING-TXPS-141XT-M12 Datasheet
385Kb / 5P
5-port unmanaged PoE Ethernet switch
logo
List of Unclassifed Man...
HEST10M-8E-2G ETC2-HEST10M-8E-2G Datasheet
721Kb / 3P
Industrial Ethernet POE/PoE Switch
logo
Advantech Co., Ltd.
EKI-2525P ADVANTECH-EKI-2525P Datasheet
336Kb / 2P
5-port Industrial PoE Switch
23-Aug-2016
logo
Black Box Registered Tr...
SW-125 BLACKBOX-SW-125 Datasheet
1Mb / 4P
Embedded Industrial 5 Port PoE Ethernet Switch
SW-525 BLACKBOX-SW-525 Datasheet
1Mb / 4P
Industrial 5 Port PoE 10/100 Ethernet Switch
SW-725 BLACKBOX-SW-725 Datasheet
1Mb / 4P
Hardened Industrial 5 Port PoE Ethernet Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com