Electronic Components Datasheet Search
  English  ▼

X  

MAX9700 Datasheet (PDF) - Analog Devices

MAX9700 Datasheet PDF - Analog Devices
Part # MAX9700
Download  MAX9700 Download
File Size   2042.78 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2W, Low-EMI, Filterless, Class D Audio Amplifier

MAX9700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9700 Datasheet PDF - Analog Devices

Part # MAX9700
Download  MAX9700 Click to download

File Size   2042.78 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2W, Low-EMI, Filterless, Class D Audio Amplifier

MAX9700 Datasheet (HTML) - Analog Devices


MAX9700 Product details

Features
●● Filterless Amplifier Passes FCC Radiated
Emissions Standards with 100mm of Cable
●● Unique Spread-Spectrum Mode Offers 5dB
Emissions Improvement Over Conventional Methods
●● Optional External SYNC Input
●● Simple Master-Slave Setup for Stereo Operation
●● 94% Efficiency
●● 1.2W into 8Ω
●● Low 0.01% THD+N
●● High PSRR (72dB at 217Hz)
●● Integrated Click-and-Pop Suppression
●● Low Quiescent Current (4mA)
●● Low-Power Shutdown Mode (0.1μA)
●● Short-Circuit and Thermal-Overload Protection
●● Available in Thermally Efficient, Space-Saving
Packages
• 10-Pin TDFN (3mm x 3mm x 0.8mm)
• 10-Pin μMAX
• 12-Bump UCSP (1.5mm x 2mm x 0.6mm)




Similar Part No. - MAX9700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9700 MAXIM-MAX9700 Datasheet
340Kb / 20P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
2Mb / 17P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97000 MAXIM-MAX97000 Datasheet
1Mb / 15P
MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
More results


Similar Description - MAX9700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com