Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet (PDF) - Analog Devices

LTC6412 Datasheet PDF - Analog Devices
Part # LTC6412
Download  LTC6412 Download
File Size   493.65 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800MHz, 31dB Range Analog-Controlled VGA

LTC6412 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6412 Datasheet PDF - Analog Devices

Part # LTC6412
Download  LTC6412 Click to download

File Size   493.65 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800MHz, 31dB Range Analog-Controlled VGA

LTC6412 Datasheet (HTML) - Analog Devices


LTC6412 Product details

FEATURES
n 800MHz –3dB Small-Signal Bandwidth
n Continuously-Adjustable Gain Control
n –14dB to +17dB Linear-in-dB Gain Range
n 35dBm OIP3 at 240MHz Across All Gain Settings
n 10dB Noise Figure at Maximum Gain
n (IIP3 – NF) = +8dBm at 240MHz Across All Gains
n 2.7nV/√Hz Input Referred Noise
n Differential Inputs and Outputs
n 50Ω Input Impedance Across all Gains
n Single Supply Operation from 3V to 3.6V
n 110mA Supply Current
n 4mm × 4mm × 0.75mm 24-Pin QFN Package




Similar Part No. - LTC6412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
758Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
LTC6412 LINER-LTC6412 Datasheet
3Mb / 28P
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC6412 LINER-LTC6412 Datasheet
1,020Kb / 36P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC6412 LINER-LTC6412 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC6412 LINER-LTC6412 Datasheet
455Kb / 36P
14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
More results


Similar Description - LTC6412

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMCORE-T6032 ETC2-EMCORE-T6032 Datasheet
94Kb / 1P
Transmeta Crusoe 800MHz 3.5" Miniboard with VGA/LCD, LAN, USB, PCMCIA
logo
Maxim Integrated Produc...
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
758Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
Linear Technology
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
logo
Analog Devices
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
Wide Dynamic Range, High Speed, Digitally Controlled VGA
1/15-Rev. B to Rev. C
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
Wide Dynamic Range, High Speed Digitally Controlled VGA
1/2017-Rev. C to Rev. D
logo
Maxim Integrated Produc...
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com