Electronic Components Datasheet Search
  English  ▼

X  

HX05N60 Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

HX05N60 Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.
Part # HX05N60
Download  HX05N60 Download
File Size   656.68 Kbytes
Page   5 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description N-Channel Enhancement Mode Power MOSFET

HX05N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
HX05N60 Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HX05N60
Download  HX05N60 Click to download

File Size   656.68 Kbytes
Page   5 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description N-Channel Enhancement Mode Power MOSFET

HX05N60 Datasheet (HTML) - Guangdong Huixin Electronic Technology Co., Ltd.


HX05N60 Product details

Features
⚫ Excellent package for good heat dissipation
⚫ Fully characterized avalanche voltage and current
⚫
⚫
High density cell design for ultra RDS(on)
VDS= 60V,ID= 5A
RDS(on)< 45mΩ @VGS= 10V
Applications
⚫ Power Switching Application
⚫ Uninterruptible Power Supply




Similar Part No. - HX05N60

ManufacturerPart #DatasheetDescription
logo
LEM
HX05-NP LEM-HX05-NP Datasheet
149Kb / 2P
Current Transducer HX 05~10-NP
HX05-NP LEM-HX05-NP Datasheet
637Kb / 2P
Current Transducer
HX05-NP LEM-HX05-NP_06 Datasheet
637Kb / 2P
Current Transducer
HX05-P LEM-HX05-P Datasheet
62Kb / 2P
Current Transducer HX 03~50-P
HX05-P LEM-HX05-P Datasheet
62Kb / 2P
Current Transducer HX 03~50-P/SP2
More results


Similar Description - HX05N60

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com