Electronic Components Datasheet Search
  English  ▼

X  

2511 Datasheet (PDF) - B&K Precision Corporation

2511 Datasheet PDF - B&K Precision Corporation
Part # 2511
Download  2511 Download
File Size   473.59 Kbytes
Page   7 Pages
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation
Description Handheld Digital Storage Oscilloscopes

2511 Datasheet (PDF)

Go To PDF Page Download Datasheet
2511 Datasheet PDF - B&K Precision Corporation

Part # 2511
Download  2511 Click to download

File Size   473.59 Kbytes
Page   7 Pages
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation
Description Handheld Digital Storage Oscilloscopes

2511 Datasheet (HTML) - B&K Precision Corporation


2511 Product details

Features and Benefits
 60 MHz (2511/2515) and 100 MHz
(2512/2516) bandwidth
 1 GSa/s sample rate
 Deep waveform memory up to 2 Mpts
 2 fully isolated and floating 1,000 V CAT II,
600 V CAT III rated inputs (isolated models
2515 and 2516)
 300 V CAT II rated inputs (non-isolated
models 2511 and 2512)
 Built-in 6000-count DMM with dedicated
terminals for current measurement
 Scope and meter trend plot functions for data
logging
 Bright 5.7” color display
 Compact and lightweight – 3.4 lbs (1.54 kg)
 FFT including four additional math functions -
Add, Subtract, Multiply, and Divide
 32 automatic measurements
 USB host port for saving and recalling
waveform setups, data, and
screenshots on a USB flash drive
 Software provided for remote PC control
 Advanced tools include digital filters with
adjustable limits, scope and waveform
recorder mode
 Multi-language user interface
 Up to four hours of continuous battery
operation




Similar Part No. - 2511

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2511 KR-2511 Datasheet
27Kb / 2P
Lowpass Filter
logo
Schurter Inc.
2511 SCHURTER-2511 Datasheet
333Kb / 2P
Power Cord with IEC Connector C7, Angled
logo
List of Unclassifed Man...
2511 ETC2-2511 Datasheet
474Kb / 7P
60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
2511 ETC-2511 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
Heyco.
2511 HEYCO-2511 Datasheet
133Kb / 1P
Double D Hole Plugs
More results


Similar Description - 2511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
Digital Storage Oscilloscopes
logo
Keysight Technologies
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com