Electronic Components Datasheet Search
  English  ▼

X  

LTC6406 Datasheet (PDF) - Analog Devices

LTC6406 Datasheet PDF - Analog Devices
Part # LTC6406
Download  LTC6406 Download
File Size   325.72 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver

LTC6406 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6406 Datasheet PDF - Analog Devices

Part # LTC6406
Download  LTC6406 Click to download

File Size   325.72 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver

LTC6406 Datasheet (HTML) - Analog Devices


LTC6406 Product details

FEATURES
n Low Noise: 1.6nV/√Hz RTI
n Low Power: 18mA at 3V
n Low Distortion (HD2/HD3):
–80dBc/–69dBc at 50MHz, 2VP-P
–104dBc/–90dBc at 20MHz, 2VP-P
n Rail-to-Rail Differential Input
n 2.7V to 3.5V Supply Voltage Range
n Fully Differential Input and Output
n Adjustable Output Common Mode Voltage
n 800MHz –3dB Bandwidth with AV = 1
n Gain-Bandwidth Product: 3GHz
n Low Power Shutdown
n Available in 8-Lead MSOP and Tiny 16-Lead
3mm × 3mm × 0.75mm QFN Packages




Similar Part No. - LTC6406

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6406 LINER-LTC6406 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6406 LINER-LTC6406 Datasheet
635Kb / 16P
50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results


Similar Description - LTC6406

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8139 AD-AD8139 Datasheet
720Kb / 24P
Low Noise Rail-to-Rail Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Analog Devices
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com