Electronic Components Datasheet Search
  English  ▼

X  

TLV803E Datasheet (PDF) - Texas Instruments

TLV803E Datasheet PDF - Texas Instruments
Part # TLV803E
Download  TLV803E Download
File Size   2289.89 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors

TLV803E Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV803E Datasheet PDF - Texas Instruments

Part # TLV803E
Download  TLV803E Click to download

File Size   2289.89 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors

TLV803E Datasheet (HTML) - Texas Instruments


TLV803E Product details

1 Features
• Ensured RESET/RESET for VDD = 0.7 V to 6 V
• Fixed time delay: 40 μs, 10 ms, 50 ms, 100 ms,
200 ms, 400 ms
• Supply current (IDD): 250 nA (typical)
– 1 μA (maximum for VDD = 3.3 V)
• Output topology:
– TLV809E: push-pull, active-low
– TLV803E: open-drain, active-low
– TLV810E: push-pull, active-high
• Under voltage detection:
– High accuracy: ±0.5% (typical)
– (VIT–): 1.7 V, 1.8 V, 1.9 V, 2.25V, 2.4 V, 2.64 V,
2.93 V, 3.08 V, 3.3V, 4.2V, 4.38 V, 4.55V, 4.63 V
• Package:
– SOT23-3 (DBZ) (with pin 1 = GND)
– SOT23-3 (DBZ) (with pin 1 = RESET/RESET)
– SOT23-3 (DBZ) (with pin 3 = GND)
– SC-70 (DCK)
– X2SON-5 (DPW)
• Temperature range: –40°C to +125°C
• Pin-to-pin compatible with MAX803/809/810,
APX803/809/810

2 Applications
• Electricity meters
• Factory Automation
• Portable, battery-powered equipment
• Set-top boxes and TVs
• Building automation
• Notebook/desktop computers, servers

3 Description
The TLV803E, TLV809E, and TLV810E are enhanced
alternatives to the TLV803, TLV853, TLV809, LM809,
TPS3809 and TLV810. TLV80xE and TLV81xE offer
low quiescent current IQ, higher accuracy, wider
temperature range, and lower power-on-reset (VPOR)
for increased system reliability.
The TLV80xE and TLV81xE family are low IQ (250 nA
typical, 1 μA max), voltage supervisory circuits (reset
IC) that monitor VDD voltage level. These devices
initiate a reset signal whenever supply voltage VDD
drops below the factory programmed falling threshold
voltage, VIT–. The reset output remains low for a fixed
reset time delay tD after the VDD voltage rises above
the rising voltage threshold (VIT+) which is equivalent
to the falling threshold voltage (VIT-) plus hysteresis
(VHYS).
These devices have integrated glitch immunity to
ignore fast transients on the VDD pin. The low
IQ and high accuracy (±0.5% typical) makes these
voltage supervisors ideal for use in low-power and
portable applications. The TLV80xE and TLV81xE
devices are specified to have the defined output logic
state for supply voltages down to VPOR = 0.7 V.
The TLV80xE and TLV81xE devices are available
in industry standard 3-pin SOT23 (DBZ) and SC70
(DCK) packages and very compact X2SON (DPW)
package.




Similar Part No. - TLV803E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
3-Pin Supply Voltage Supervisors
TLV803E TI1-TLV803E Datasheet
928Kb / 29P
Low Power 3-Pin Supply Voltage Supervisors
TLV803E TI1-TLV803E Datasheet
1Mb / 34P
TLV8xxE, Low Power 250-nA IQ Supply Voltage Supervisors
TLV803E TI1-TLV803E Datasheet
1Mb / 38P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI1-TLV803E Datasheet
2Mb / 44P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
More results


Similar Description - TLV803E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8801 ONSEMI-CAT8801 Datasheet
115Kb / 7P
200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
May, 2010 ??Rev. 4
logo
Texas Instruments
TLV803E TI1-TLV803E_V02 Datasheet
1Mb / 34P
TLV8xxE, Low Power 250-nA IQ Supply Voltage Supervisors
TLV803E TI1-TLV803E_V03 Datasheet
1Mb / 38P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI1-TLV803E_V04 Datasheet
2Mb / 44P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V05 Datasheet
2Mb / 44P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V06 Datasheet
2Mb / 48P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V07 Datasheet
2Mb / 48P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V08 Datasheet
2Mb / 48P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
MAY 2021
TLV803E TI-TLV803E_V09 Datasheet
2Mb / 49P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
REVISED MAY 2021
TLV803E TI-TLV803E_V10 Datasheet
2Mb / 49P
TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
REVISED MAY 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com